Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP20F Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # EGP20F
Description  2.0A Axial Leaded High Efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EGP20F Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  EGP20F Datasheet HTML 1Page - SUNMATE electronic Co., LTD EGP20F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
2.0
1.0
1.5
0.5
0.10
1.00
10.00
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.8
1.6
0
0
25
50
75
100
125
150
175
RESISTIVE OR
INDUCTIVE LOAD
PULSE WIDTH=300uS
1% DUTY CYCLE
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.375" (9.5mm) LEAD LENGTH
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
10
30
20
40
70
50
60
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0.1
1
10
100
0
20
1
10
100
TJ=125
oC
EGP20J~EGP20M
EGP20A~EGP20G
TJ=150
oC
40
60
80
100 110
FIG.5 - TYPICAL JUNCTION CAPACITANCE
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
t , PULSE DURATION, sec
100
10
1.0
0.10
0.01
2
4
10
6
20
60
100
EGP20J~EGP20M
EGP20A~EGP20G
EGP20J~EGP20M
EGP20A~EGP20F
EGP20G
2of2


Similar Part No. - EGP20F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20F ZOWIE-EGP20F Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Fairchild Semiconductor
EGP20F FAIRCHILD-EGP20F Datasheet
271Kb / 6P
   2.0 A Glass-Passivated High-Efficiency Rectifiers
EGP20F FAIRCHILD-EGP20F Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Vishay Siliconix
EGP20F VISHAY-EGP20F Datasheet
77Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
logo
General Semiconductor
EGP20F GE-EGP20F Datasheet
61Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results

Similar Description - EGP20F

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
   2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
   2.0A Axial Leaded Rectifier
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
BYW52 SUNMATE-BYW52 Datasheet
267Kb / 3P
   2.0A Axial Leaded Silicon Rectifier
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com