Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1C Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # ES1C
Description  1.0A Surface Mount Super-Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES1C Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  ES1C Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES1C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
0.1
1.0
10
100
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.4 Typical Reverse Characteristics
T = 100 C
j
°
T = 25 C
j
°
0
0.5
25
50
75
100
125
150
175
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
1.0
1.5
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25 C
j
°
I Pulse Width: 300 s
F
µ
ES1A-ES1D
ES1G
2of2


Similar Part No. - ES1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES1C YIXIN-ES1C Datasheet
254Kb / 2P
   Super Fast Surface Mount Rectifiers
logo
Diotech Company.
ES1C DIOTECH-ES1C Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ES1C MCC-ES1C Datasheet
305Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
General Semiconductor
ES1C GE-ES1C Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - ES1C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
   1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1A WTE-ES1A Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS140 DIODES-MURS140_10 Datasheet
131Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 10 - 2 September 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com