Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2163T5N Datasheet(PDF) 5 Page - California Eastern Labs

Part # UPG2163T5N
Description  Broadband SPDT Switch for Dual-Band Wireless LAN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2163T5N Datasheet(HTML) 5 Page - California Eastern Labs

  UPG2163T5N_09 Datasheet HTML 1Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 2Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 3Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 4Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 5Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 6Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 7Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 8Page - California Eastern Labs UPG2163T5N_09 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
μPG2163T5N
R09DS0019EJ0300 Rev.3.00
Page 5 of 8
May 19, 2011
MOUNTING PAD AND SOLDER MASK LAYOUT DIMENSIONS
6-PIN PLASTIC TSON (UNIT: mm)
0.3
0.5
0.3
0.3
MOUNTING PAD
SOLDER MASK
0.475
0.25
0.475
0.25
Solder thickness : 0.08 mm
Remark The mounting pad and solder mask layouts in this document are for reference only.
When designing PCB, please consider workability of mounting, solder joint reliability, prevention of solder
bridge and so on, in order to optimize the design.


Similar Part No. - UPG2163T5N_09

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2163T5N-E2 NEC-UPG2163T5N-E2 Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N-E2 CEL-UPG2163T5N-E2 Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N-E2 NEC-UPG2163T5N-E2 Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
UPG2163T5N-E2 RENESAS-UPG2163T5N-E2 Datasheet
186Kb / 10P
   GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
logo
California Eastern Labs
UPG2163T5N-E2-A CEL-UPG2163T5N-E2-A Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results

Similar Description - UPG2163T5N_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2163T5N RENESAS-PG2163T5N_15 Datasheet
198Kb / 10P
   GaAs Integrated Circuit Broadband SPDT Switch for Dual-Band Wireless LAN
UPG2163T5N RENESAS-UPG2163T5N Datasheet
186Kb / 10P
   GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N_1 Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
STMicroelectronics
STLC8201 STMICROELECTRONICS-STLC8201 Datasheet
84Kb / 5P
   DUAL BAND WIRELESS LAN BASEBAND PROCESSOR
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
   DUAL BAND WIRELESS LAN RF TRANSCEIVER
logo
NEC
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com