Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURU150100 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RURU150100
Description  150A, 700V - 1000V Ultrafast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RURU150100 Datasheet(HTML) 1 Page - Intersil Corporation

  RURU150100 Datasheet HTML 1Page - Intersil Corporation RURU150100 Datasheet HTML 2Page - Intersil Corporation RURU150100 Datasheet HTML 3Page - Intersil Corporation RURU150100 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
RURU15070, RURU15080,
RURU15090, RURU150100
150A, 700V - 1000V Ultrafast Diodes
Package
JEDEC STYLE SINGLE LEAD TO-218
Symbol
ANODE
CATHODE
(FLANGE)
K
A
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . . .<125ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . .+175oC
• Reverse Voltage Up To . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Description
RURU15070, RURU15080 and RURU15090 and RURU150100 are
ultrafast diodes with soft recovery characteristics (tRR < 125ns).
They have low forward voltage drop and are silicon nitride passi-
vated ion-implanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping
diodes and rectifiers in a variety of switching power supplies and
other power switching applications. Their low stored charge and
ultrafast recovery with soft recovery characteristic minimizes ring-
ing and electrical noise in many power switching circuits reducing
power loss in the switching transistors.
PACKAGING AVAILABILITY
PART NUMBER
PACKAGE
BRAND
RURU15070
TO-218
RURU15070
RURU15080
TO-218
RURU15080
RURU15090
TO-218
RURU15090
RURU150100
TO-218
RUR150100
NOTE: When ordering, use the entire part number.
Absolute Maximum Ratings TC = +25oC, Unless Otherwise Specified
RURU15070
RURU15080
RURU15090
RURU150100
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . .VRRM
700
800
900
1000
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . VRWM
700
800
900
1000
V
DC Blocking Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . VR
700
800
900
1000
V
Average Rectified Forward Current . . . . . . . . . . . . IF(AV)
(TC = +65
oC)
150
150
150
150
A
Repetitive Peak Surge Current. . . . . . . . . . . . . . . . IFSM
(Square Wave, 20kHz)
300
300
300
300
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . IFSM
(Halfwave, 1 Phase, 60Hz)
1500
1500
1500
1500
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . PD
375
375
375
375
W
Avalanche Energy (L = 40mH) . . . . . . . . . . . . . . . . EAVL
50
50
50
50
mj
Operating and Storage Temperature . . . . . . . . TSTG, TJ
-65 to +175
-65 to +175
-65 to +175
-65 to +175
oC
April 1995
File Number
3202.2


Similar Part No. - RURU150100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURU150120 INTERSIL-RURU150120 Datasheet
69Kb / 4P
   150A, 1200V Ultrafast Diode
More results

Similar Description - RURU150100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURG3070CC INTERSIL-RURG3070CC Datasheet
31Kb / 3P
   30A, 700V - 1000V Ultrafast Dual Diodes
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
   50A, 700V - 1000V Hyperfast Diodes
RHRG7570 INTERSIL-RHRG7570 Datasheet
61Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
RHRU15090 INTERSIL-RHRU15090 Datasheet
39Kb / 3P
   150A, 900V - 1000V Hyperfast Diodes
MUR8100E INTERSIL-MUR8100E Datasheet
49Kb / 4P
   8A, 1000V Ultrafast Diodes
logo
Fairchild Semiconductor
MUR8100E FAIRCHILD-MUR8100E Datasheet
138Kb / 5P
   8A, 1000V Ultrafast Diodes
logo
Intersil Corporation
RURU150120 INTERSIL-RURU150120 Datasheet
69Kb / 4P
   150A, 1200V Ultrafast Diode
RURU15060 INTERSIL-RURU15060 Datasheet
31Kb / 3P
   150A, 600V Ultrafast Diode
RURG50100 INTERSIL-RURG50100 Datasheet
32Kb / 3P
   50A, 1000V Ultrafast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com