Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5ZXXXT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MM5ZXXXT
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM5ZXXXT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MM5ZXXXT_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM5ZXXXT_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM5ZxxxT Series
150mW , SOT-523
Surface Mount Zener Diodes
Elektronische Bauelemente
29-Feb-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
150mW Power Dissipation Rating.
Ultra-Small Surface Mount Package
Planar Die Construction
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Forward Voltage
IF=10mA
VF
0.9
V
Power Dissipation
1
PD
150
mW
Thermal Resistance, Junction to Ambient Air
1
RθJA
833
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
Notes:
1.
Device mounted on FR-4 PC board with recommended pad layout.
2.
No purposefully added lead.
SOT-523


Similar Part No. - MM5ZXXXT_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5ZXXXT1G ONSEMI-MM5ZXXXT1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
More results

Similar Description - MM5ZXXXT_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com