Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD318 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD318
Description  Surface Mount High Vitlage Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD318 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBD318_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD318_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBD318_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
MMBD318A / MMBD318C / MMBD318S
350V 225mA
Surface Mount High Vitlage Switching Diode
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
24-Dec-2010 Rev. B
Page 2 of 3
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
350
V
IR=150μA
0.78
0.87
IF=20mA
0.93
1.0
IF =100mA
Forward Voltage
VF
1.03
1.25
mV
IF =200mA
30
100
 
nA
VR=240V
Reverse Current
IR
35
100
μA
VR=240V Tj=150℃
Total capacitance
CT
1.0
5.0
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
50
ns
IF=IR=30mA,
Irr=0.1×IR,RL=100Ω


Similar Part No. - MMBD318_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBD318 SECOS-MMBD318_10 Datasheet
318Kb / 3P
   Surface Mount High Vitlage Switching Diode
More results

Similar Description - MMBD318_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBD318 SECOS-MMBD318_10 Datasheet
318Kb / 3P
   Surface Mount High Vitlage Switching Diode
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
   Surface Mount High-Voltage Switching Diode
logo
SeCoS Halbleitertechnol...
MMBD318 SECOS-MMBD318 Datasheet
659Kb / 2P
   Surface Mount High Votlage Switching Diode
logo
Leshan Radio Company
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
   SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com