Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8101GR Datasheet(PDF) 8 Page - NEC

Part # UPC8101GR
Description  400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101GR Datasheet(HTML) 8 Page - NEC

Back Button UPC8101GR Datasheet HTML 4Page - NEC UPC8101GR Datasheet HTML 5Page - NEC UPC8101GR Datasheet HTML 6Page - NEC UPC8101GR Datasheet HTML 7Page - NEC UPC8101GR Datasheet HTML 8Page - NEC UPC8101GR Datasheet HTML 9Page - NEC UPC8101GR Datasheet HTML 10Page - NEC UPC8101GR Datasheet HTML 11Page - NEC UPC8101GR Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet P10807EJ3V0DS00
8
µµµµPC8105GR
10
0
–10
–20
–30
–40
–50
–60
–70
–10
–20
–30
–40
–50
0
0.5
1
PI/Qin - I/Q Input Signal - Vp-p
I/Q INPUT SIGNAL vs OUTPUT POWER,
LOCAL LEAK, IMAGE REJECTION,
I/Q 3RD ORDER INTERMODULATION
DISTORTION
IM3I/Q
ImR
Pout
(PHS)384 Kbps
RNYQ
α = 0.5
(0000) All zero
LOL(ISO(LO))
IM3I/Q
ImR
Pout
LOL(ISO(LO))
–10
–20
–30
–40
–50
–60
–70
–10
–20
–30
–40
–50
–60
–70
fLO - Lo Input Frequency - MHz
50
100
200
500
Lo INPUT FREQUENCY vs OUTPUT POWER,
LOCAL LEAK, IMAGE REJECTION, I/Q 3RD,
ORDER INTERMODULATION DISTORTION
0
0.5
1
PI/Qin - I/Q Input signal - mVp-p
10
7
5
3
2
1
0
I/Q INPUT SIGNAL vs PHASE ERROR,
MAGNITUDE ERROR, VECTOR ERROR
VCC = 3 V
Lo: 240 MHz
–10 dBm
I/Q DC: 1.5 V
Single ended
<PHS>
384 Kbps
RNYQ
α = 0.5
PN9
∆A
∆M
φ
VCC = 3 V
Lo: 15 dBm
I/Q DC 1 500 mV
AC 430 mVp-p
<PHS>384 Kbps
RNYQ
α = 0.5
PN9
10
7
5
3
2
1
0
0
200
400
fLO - Lo Input Frequency - MHz
Lo INPUT FREQUENCY vs VECTOR ERROR,
MAGNITUDE ERROR, PHASE ERROR
100
300
500
∆A
∆M
φ


Similar Part No. - UPC8101GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8101GR NEC-UPC8101GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8101GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com