Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4148TW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD4148TW
Description  Surface Mount Switching Diode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD4148TW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD4148TW_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD4148TW_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBD4148TW
0.15A , 100V
Surface Mount Switching Diode Array
12-Oct-2011 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Speed
Ultra-Small Surface Mount Package
High Conductance Power dissipation
MECHANICAL DATA
Case: SOT-363, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.006 grams (approx.)
Mounting Position: Any
MARKING CODE
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-363
3K
7 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Working Peak Reverse Voltage
VRWM
75
V
DC Blocking Voltage
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Average Rectified out Current
IO
150
mA
@T=1μs
2
Peak Forward Surge Current
@T=1s
IFSM
1
A
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
°C / W
Storage Temperature
TJ, TSTG
150, -55~150
°C
SOT-363
KA2
B
L
F
H
C
J
D G
K
A
E
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35


Similar Part No. - MMBD4148TW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4148TW DIODES-MMBD4148TW_15 Datasheet
213Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results

Similar Description - MMBD4148TW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
BAV99BRLP DIODES-BAV99BRLP_15 Datasheet
84Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56DW DIODES-BAW56DW_15 Datasheet
189Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
   Surface Mount Switching Diode Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com