Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z5V6T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MM5Z5V6T
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM5Z5V6T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MM5Z5V6T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM5Z5V6T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MM5ZxxxT Series
150mW , SOT-523
Surface Mount Zener Diodes
Elektronische Bauelemente
29-Feb-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Type Number
Marking
Zener Voltage Range
3
Maximum Zener
Impedance
4
Maximum
Reverse
Current
3
Temperature
Coefficient of
Zener Voltage
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
@VR
@IZT=5mA
(mV/°C)
Min(V)
Nom(V)
Max(V)
mA
mA
µA
V
Min
Max
MM5Z2V4T
RB
2.2
2.4
2.6
5
100
600
1
50
1
-3.5
0
MM5Z2V7T
RC
2.5
2.7
2.9
5
100
600
1
20
1
-3.5
0
MM5Z3V0T
RD
2.8
3
3.2
5
95
600
1
20
1
-3.5
0
MM5Z3V3T
RE
3.1
3.3
3.5
5
95
600
1
5
1
-3.5
0
MM5Z3V6T
RF
3.4
3.6
3.8
5
90
600
1
5
1
-3.5
0
MM5Z3V9T
RG
3.7
3.9
4.1
5
90
600
1
3
1
-3.5
0
MM5Z4V3T
RH
4
4.3
4.6
5
90
600
1
3
1
-3.5
0
MM5Z4V7T
R1
4.4
4.7
5
5
80
600
1
3
2
-3.5
0.2
MM5Z5V1T
R2
4.8
5.1
5.4
5
60
500
1
2
2
-2.7
1.2
MM5Z5V6T
R3
5.2
5.6
6
5
40
480
1
1
2
-2
2.5
MM5Z6V2T
R4
5.8
6.2
6.6
5
10
400
1
3
4
0.4
3.7
MM5Z6V8T
R5
6.4
6.8
7.2
5
15
150
1
2
4
1.2
4.5
MM5Z7V5T
R6
7
7.5
7.9
5
15
80
1
1
5
2.5
5.3
MM5Z8V2T
R7
7.7
8.2
8.7
5
15
80
1
0.7
5
3.2
6.2
MM5Z9V1T
R8
8.5
9.1
9.6
5
15
80
1
0.5
6
3.8
7
MM5Z10T
R9
9.4
10
10.6
5
20
100
1
0.2
7
4.5
8
MM5Z11T
P1
10.4
11
11.6
5
20
150
1
0.1
8
5.4
9
MM5Z12T
P2
11.4
12
12.7
5
25
150
1
0.1
8
6
10
MM5Z13T
P3
12.4
13
14.1
5
30
150
1
0.1
8
7
11
MM5Z15T
P4
13.8
15
15.6
5
30
170
1
0.1
10.5
9.2
13
MM5Z16T
P5
15.3
16
17.1
5
40
200
1
0.1
11.2
10.4
14
MM5Z18T
P6
16.8
18
19.1
5
45
200
1
0.1
12.6
12.4
16
MM5Z20T
P7
18.8
20
21.2
5
55
225
1
0.1
14.0
14.4
18
MM5Z22T
P8
20.8
22
23.3
5
55
225
1
0.1
15.4
16.4
20
MM5Z24T
P9
22.8
24
25.6
5
70
250
1
0.1
16.8
18.4
22
MM5Z27T
PA
25.1
27
28.9
2
80
250
0.5
0.1
18.9
21.4
25.3
MM5Z30T
PB
28
30
32
2
80
300
0.5
0.1
21
24.4
29.4
MM5Z33T
PC
31
33
35
2
80
300
0.5
0.1
23.1
27.4
33.4
MM5Z36T
PD
34
36
38
2
90
325
0.5
0.1
25.2
30.4
37.4
MM5Z39T
PE
37
39
41
2
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
3.
Short duration pulse test used to minimize self-heating effect
4.
f=1KHz


Similar Part No. - MM5Z5V6T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MM5Z5V6T SECOS-MM5Z5V6T Datasheet
61Kb / 2P
   150mW , SOT-523 Surface Mount Zener Diodes
logo
ON Semiconductor
MM5Z5V6T1 ONSEMI-MM5Z5V6T1 Datasheet
49Kb / 4P
   Zener Voltage Regulators
July, 2004 ??Rev. 2
MM5Z5V6T1 ONSEMI-MM5Z5V6T1 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z5V6T1G ONSEMI-MM5Z5V6T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z5V6T1G ONSEMI-MM5Z5V6T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
More results

Similar Description - MM5Z5V6T

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com