Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT10020-CB Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT10020-CB
Description  Dual-band Wi-Fi / BT / Zigbee Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10020-CB Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT10020-CB Datasheet HTML 1Page - World Produts Inc. WPANT10020-CB Datasheet HTML 2Page - World Produts Inc. WPANT10020-CB Datasheet HTML 3Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev: 4.0
Created on: February 21, 2014
Created by: MKS
Approved by: BP
Page | 1
WPANT10020-CB
Dual-band Wi-Fi / BT / Zigbee Antenna
Description / Application
This dual-band Wi-Fi antenna has a very thin & compact structure, and can easily be installed inside any wireless device with its self-
adhesive double stick tape on the back. Good efficiency and ease of integration make this an ideal choice for applications where
flexibility is needed. This antenna works very efficiently on any non-metallic surface.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency*
2.4 – 2.5 GHz
5.1 – 5.85 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR – Typical*
< 2:1
< 3:1
Peak Gain [dBi] (Typical)*
4.5 to 5 dBi
2 to 4.5 dBi
Efficiency [%] (Typical)*
55 – 80 %
50 – 80 %
Polarization
Linear
Linear
Pattern
Near Omni-directional
Near Omni-directional
*Note: These performance metrics will vary depending on the position of the antenna within a given wireless device, and the antenna integration
optimization.
Mechanical / Environmental Properties
Antenna Dimensions
1.6’’ X 0.25’’ X 0.010’’
(40.5mm X 24mm X 0.25mm)
Antenna Color
Black
Cable
3.5’’ long 1.13mm OD Micro Co-ax
Connector
IPX / Hirose equivalent
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT10020-CB

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10020 WPI-WPANT10020 Datasheet
202Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
More results

Similar Description - WPANT10020-CB

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10069 WPI-WPANT10069 Datasheet
77Kb / 2P
   Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10019 WPI-WPANT10019 Datasheet
227Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10019-CC WPI-WPANT10019-CC Datasheet
218Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10020 WPI-WPANT10020 Datasheet
202Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10043-C1A WPI-WPANT10043-C1A Datasheet
92Kb / 2P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10099 WPI-WPANT10099 Datasheet
118Kb / 2P
   Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10056 WPI-WPANT10056 Datasheet
87Kb / 2P
   Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
   Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
M830320 AVX-M830320 Datasheet
1Mb / 6P
   Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
logo
World Produts Inc.
WPANT10057 WPI-WPANT10057 Datasheet
82Kb / 2P
   Dual-band Wi-Fi / BT MIMO Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com