Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH5043CPE Datasheet(PDF) 1 Page - Intersil Corporation

Part # IH5043CPE
Description  Dual SPDT CMOS Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5043CPE Datasheet(HTML) 1 Page - Intersil Corporation

  IH5043CPE Datasheet HTML 1Page - Intersil Corporation IH5043CPE Datasheet HTML 2Page - Intersil Corporation IH5043CPE Datasheet HTML 3Page - Intersil Corporation IH5043CPE Datasheet HTML 4Page - Intersil Corporation IH5043CPE Datasheet HTML 5Page - Intersil Corporation IH5043CPE Datasheet HTML 6Page - Intersil Corporation IH5043CPE Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TM
File Number
3130.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
IH5043
Dual SPDT CMOS Analog Switch
The IH5043 analog switch uses an improved, high voltage
CMOS monolithic technology. These devices provide ease
of use and performance advantages not previously
available from solid state switches.
Key performance advantage is TTL compatibility and ultra
low power operation. The quiescent current requirement is
less than 1mA. Also, the IH5043 guarantees Break-Before-
Make switching, accomplished by extending the tON time
(300ns Typ), so that it exceeds tOFF time (200ns Typ). This
insures that an ON channel will be turned OFF before an
OFF channel can turn ON. The need for external logic
required to avoid channel to channel shorting during
switching is eliminated.
Schematic Diagram
FUNCTIONAL DRIVER, TYPICAL DRIVER, GATE (1/2 AS SHOWN)
Features
• See HI504X for Other Functions
• Dual SPDT
• Switches Greater than 20VP-P Signals with ±15V Supplies
• Quiescent Current Less than 1mA
• Break-Before-Make Switching tOFF 200ns, tON 300ns (Typ)
• TTL, DTL, CMOS, PMOS Compatible
Pinout
IH5043
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
IH5043CPE
0 to 70
16 Ld PDIP
E16.3
IH5043CY
0 to 70
16 Ld SOIC
M16.15
V+
IN
Q3
5K
Q1
GND
VL
Q2
10K
Q5
V-
Q6
1K
2K
Q4
Q7
Q8
400
S3
S1
Q9
D1
Q10
Q11
FLOATS
D3
Q12
FLOATS
400
TRUTH TABLE
LOGIC
SWITCH 1, 2
SWITCH 3, 4
0
Off
On
1
On
Off
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D1
NC
D3
S4
D4
D2
NC
S1
V-
GND
VL
V+
IN2
S2
IN1
S3
15
10
9
4
16
5
8
3
1
6
S1
S3
IN1
IN2
S2
S4
D1
D3
D2
D4
VL
V+
GND
12
11
13
14
V-
SWITCH STATES SHOWN ARE FOR LOGIC “1” INPUT
Data Sheet
March 2000
[ /Title
(IH504
3)
/Sub-
ject
(Dual
SPDT
CMOS
Ana-
log
Switch
)
/Autho
r ()
/Key-
words
(Inter-
sil
Corpo-
ration,
semi-
con-
ductor,
Dual
SPDT
CMOS
Ana-
log
Switch
)
/Cre-
ator ()
/DOCI
NFO
pdf-
mark
[
OBSOLETE
PRODUCT
POSSIBLE
SUBSTITUTE
PRODUCT
HI-5043


Similar Part No. - IH5043CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5043CPE MAXIM-IH5043CPE Datasheet
2Mb / 8P
   General-Purpose CMOS Analog Switches
Rev 1; 7/92
More results

Similar Description - IH5043CPE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5151 INTERSIL-IH5151 Datasheet
155Kb / 7P
   Dual SPDT, CMOS Analog Switch
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Renesas Technology Corp
HI-303 RENESAS-HI-303 Datasheet
384Kb / 11P
   Dual SPDT CMOS Analog Switch
November 2003
HI-390 RENESAS-HI-390 Datasheet
295Kb / 8P
   Dual SPDT CMOS Analog Switch
August 2002
logo
Intersil Corporation
HI-303883 INTERSIL-HI-303883 Datasheet
240Kb / 11P
   Dual SPDT CMOS Analog Switch
HI-390 INTERSIL-HI-390_02 Datasheet
165Kb / 8P
   Dual SPDT CMOS Analog Switch
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com