Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA62782LP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RNA62782LP
Description  CMOS System Reset IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA62782LP Datasheet(HTML) 1 Page - Renesas Technology Corp

  RNA62782LP_15 Datasheet HTML 1Page - Renesas Technology Corp RNA62782LP_15 Datasheet HTML 2Page - Renesas Technology Corp RNA62782LP_15 Datasheet HTML 3Page - Renesas Technology Corp RNA62782LP_15 Datasheet HTML 4Page - Renesas Technology Corp RNA62782LP_15 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R03DS0054EJ0202 Rev.2.02
Page 1 of 4
Mar 01, 2013
Target Specification Datasheet
RNA62782LP
CMOS System Reset IC
Description
RNA62782 is microcomputer and system reset signal to be generated.
Delay time of reset is released at the internal circuit fixed to 100 ms, the external components unnecessary.
Features
 Reset detection voltage: 4.0 V  4.0%
 Built-in long delay time: 100 ms
 Circuit current: 10 A
 Open drain output
 Wide supply voltage range: 1.8 V to 5.5 V
Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
Surface
Treatment
RNA62782LPH1
MPAK-5
PLSP0005ZB-A
LP
H (3,000 pcs/reel)
1 (Sn/Bi)
Application
 Power supply voltage monitoring for microprocessors
 Computers and notebook computers
 Digital still camera, digital video camera, and PDA
 Industrial equipment
Block Diagram
Comp
VDD
4
OUT
5
Delay
(100ms)
GND
1
R03DS0054EJ0202
Rev.2.02
Mar 01, 2013


Similar Part No. - RNA62782LP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA50C27A RENESAS-RNA50C27A Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA51943A RENESAS-RNA51943A Datasheet
86Kb / 7P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA62782LP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
logo
Renesas Technology Corp
RNA52A10T RENESAS-RNA52A10T Datasheet
575Kb / 12P
   Dual CMOS system–RESET IC
Dec 19, 2015
logo
Mitsumi Electronics, Co...
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
logo
Renesas Technology Corp
RNA52A10MM RENESAS-RNA52A10MM Datasheet
159Kb / 11P
   Dual CMOS system-RESET IC
logo
Mitsumi Electronics, Co...
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com