Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQJ0201UGDQA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RQJ0201UGDQA
Description  Silicon P Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQJ0201UGDQA Datasheet(HTML) 7 Page - Renesas Technology Corp

  RQJ0201UGDQA_15 Datasheet HTML 1Page - Renesas Technology Corp RQJ0201UGDQA_15 Datasheet HTML 2Page - Renesas Technology Corp RQJ0201UGDQA_15 Datasheet HTML 3Page - Renesas Technology Corp RQJ0201UGDQA_15 Datasheet HTML 4Page - Renesas Technology Corp RQJ0201UGDQA_15 Datasheet HTML 5Page - Renesas Technology Corp RQJ0201UGDQA_15 Datasheet HTML 6Page - Renesas Technology Corp RQJ0201UGDQA_15 Datasheet HTML 7Page - Renesas Technology Corp RQJ0201UGDQA_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RQJ0201UGDQA
Preliminary
R07DS0290EJ0500 Rev.5.00
Page 7 of 7
Jan 10, 2014
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RQJ0201UGDQATL-H
3000 pcs.
φ178 mm reel, 8 mm Emboss taping


Similar Part No. - RQJ0201UGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQJ0201UGDQA RENESAS-RQJ0201UGDQA_11 Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - RQJ0201UGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com