Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT30035-RA Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30035-RA
Description  2.4 GHz Wi-Fi Stubby Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30035-RA Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30035-RA Datasheet HTML 1Page - World Produts Inc. WPANT30035-RA Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: June 18, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30035-RA
2.4 GHz Wi-Fi Stubby Antenna
Description / Application
This is a high gain 2.4 GHz Wi-Fi Omni Directional Stubby Antenna. It comes with a Reverse Polarity (RP) SMA female connector
that has a swivel mechanism.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
9 dBi
Polarization
Vertical
Pattern
Near Omni Directional; Also depends on installation
Accepted Power [W] (Max)
50 Watts
Mechanical / Environmental Properties
Antenna Height
15’’
(380 mm)
Antenna Color
Black
Connector
Reverse Polarity SMA Male
Antenna Radome
Plastic
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30035-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30030-R2A WPI-WPANT30030-R2A Datasheet
81Kb / 2P
   860 MHz Cellular band Stubby Antenna
WPANT30030-RA WPI-WPANT30030-RA Datasheet
62Kb / 2P
   860 MHz Cellular band Stubby Antenna
WPANT30031-RA WPI-WPANT30031-RA Datasheet
89Kb / 2P
   3G Dual-band Stubby Antenna
WPANT30031-RA WPI-WPANT30031-RA_15 Datasheet
83Kb / 2P
   3G Dual-band Stubby Antenna
WPANT30032-RA WPI-WPANT30032-RA Datasheet
83Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
More results

Similar Description - WPANT30035-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANTDP053 WPI-WPANTDP053 Datasheet
135Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30124 WPI-WPANT30124 Datasheet
88Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30126 WPI-WPANT30126 Datasheet
82Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30032-RA WPI-WPANT30032-RA Datasheet
83Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com