Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110RKI120 Datasheet(PDF) 6 Page - International Rectifier

Part # 110RKI120
Description  PHASE CONTROL THYRISTORS Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

110RKI120 Datasheet(HTML) 6 Page - International Rectifier

  110RKI120 Datasheet HTML 1Page - International Rectifier 110RKI120 Datasheet HTML 2Page - International Rectifier 110RKI120 Datasheet HTML 3Page - International Rectifier 110RKI120 Datasheet HTML 4Page - International Rectifier 110RKI120 Datasheet HTML 5Page - International Rectifier 110RKI120 Datasheet HTML 6Page - International Rectifier 110RKI120 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
111RKI Series
2222222222222
12
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.043
0.031
T
J
= T
J
max.
120°
0.052
0.053
90°
0.066
0.071
K/W
60°
0.096
0.101
30°
0.167
0.169
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
Ordering Information Table
3
11
1
RKI 120
Device Code
1
2
5
4
1
-
I
T(AV)
rated average output current (rounded/10)
2
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
2 = Flag terminals (For Cathode and Gate Terminals)
3
-
Thyristor
4
-
Voltage code: Code x 10 = V
RRM
(See Voltage Rating Table)
5
-
Critical dv/dt:
None = 500V/µsec
S90
= 1000V/µsec
Outline Table
Case Style TO-208AD (TO-83)
All dimensions in millimeters (inches)
1/2"-20UNF-2A
29.5 (1.16)
7.5
(0.30)
22.5 DIA.
5.2 (0.20) DIA.
(0.89) MAX.
1.5 (0.06) DIA.
CERAMIC HOUSING
FLAG TERMINAL
2.4 (0.09)
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - 110RKI120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
110RKI120 IRF-110RKI120 Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
110RKI120 VISHAY-110RKI120 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
110RKI120 VISHAY-110RKI120 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
110RKI120 VISHAY-110RKI120 Datasheet
199Kb / 9P
   Phase Control Thyristors
Revision: 06-Jun-08
110RKI120PBF VISHAY-110RKI120PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
More results

Similar Description - 110RKI120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com