Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1100 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MUR1100
Description  1.0A Axial Leaded High Efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MUR1100 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MUR1100 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MUR1100 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 -- PEAK FORWARD SURGE CURRENT
Z
SETTIMEBASEFOR10/20 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
FIG.5--TYPICAL JUNCTION CAPACITANCE
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1cm
0
0.001
0.01
0.1
1.0
10
TJ=25
Pulse Width=300
µS
0.2
0.4 0.6 0.8 1
1.2 1.4 1.6
1.8 2
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.2
0
0
25
50
0.4
0.6
0.8
1.0
100
75
125
175
150
0
1
10
20
40
30
50
5
10
100
50
TJ=125
8.3ms Single Half
Sine-Wave
     TJ=25
1
2
4
6
10
20
40
60
100
200
0.1
0.2
0.4
1
2
4
10
40
100
20
2of2


Similar Part No. - MUR1100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1100 MCC-MUR1100 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
New Jersey Semi-Conduct...
MUR1100 NJSEMI-MUR1100 Datasheet
48Kb / 1P
   SWITCHMODE POWER RECTIRERS
logo
Galaxy Semi-Conductor H...
MUR1100 BILIN-MUR1100 Datasheet
59Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shanghai Leiditech Elec...
MUR1100 LEIDITECH-MUR1100 Datasheet
115Kb / 3P
   High Surge Capability Low Forward Voltage Drop
logo
Shanghai Lunsure Electr...
MUR1100 CHENYI-MUR1100 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
More results

Similar Description - MUR1100

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
   1.0A Axial Leaded High-Voltage Schottky Rectifier
EGP20A SUNMATE-EGP20A Datasheet
111Kb / 2P
   2.0A Axial Leaded High Efficiency Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
   1.0A Axial Leaded Ultra Fast Rectifier
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com