Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR760 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MR760
Description  6.0A Axial Leaded Silicon Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MR760 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MR760 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MR760 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
1
2
3
4
5
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
6
7
8
25
0
50
75
100
125
150
175
200
0
0.1
1.0
100
0.6
1.0
1.4
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2, Typical Forward Characteristics
F
10
0.2
0
Pulse Width = 300 s
2% Duty Cycle
µ
T = 25ºC
j
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0
100
200
300
400
500
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method


Similar Part No. - MR760

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR760 MOTOROLA-MR760 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
ON Semiconductor
MR760 ONSEMI-MR760 Datasheet
96Kb / 7P
   High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
Shanghai Shunye Electro...
MR760 SHUNYE-MR760 Datasheet
274Kb / 1P
   AUTONOTIVE OPEN JUNCTION BUTTON DIODE
logo
New Jersey Semi-Conduct...
MR760 NJSEMI-MR760 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
logo
EIC discrete Semiconduc...
MR760 EIC-MR760 Datasheet
108Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - MR760

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P600A SUNMATE-P600A Datasheet
87Kb / 2P
   6.0A Axial Leaded Rectifier
6A05 SUNMATE-6A05 Datasheet
100Kb / 2P
   6.0A Axial Leaded Rectifier
GPP15A SUNMATE-GPP15A Datasheet
283Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
10EDB60 SUNMATE-10EDB60 Datasheet
293Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
EM513 SUNMATE-EM513 Datasheet
303Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
EM1Y SUNMATE-EM1Y Datasheet
301Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
P300A SUNMATE-P300A Datasheet
278Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GP25A SUNMATE-GP25A Datasheet
1Mb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
8A05 SUNMATE-8A05 Datasheet
363Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GPP10A SUNMATE-GPP10A Datasheet
308Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com