Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P600M Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # P600M
Description  6.0A Axial Leaded Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P600M Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  P600M Datasheet HTML 1Page - SUNMATE electronic Co., LTD P600M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P600A – P600M
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 2.1 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Epoxy: UL 94V-O rate flame retardant
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
P600A
P600B
P600D
P600G
P600J
P600K
P600M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 60°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 6.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
1.0
µA
mA
Typical Junction Capacitance (Note 2)
Cj
150
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
20
K/W
Operating Temperature Range
Tj
-50 to +150
°C
Storage Temperature Range
TSTG
-50 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm
6.0A Axial Leaded Rectifier
1of2
R-6


Similar Part No. - P600M

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P600M NJSEMI-P600M Datasheet
136Kb / 3P
   General Purpose Plastic Rectifier
logo
Pan Jit International I...
P600M PANJIT-P600M Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Won-Top Electronics
P600M WTE-P600M Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
CHENG-YI ELECTRONIC CO....
P600M CHENG-YI-P600M Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
P600M VISHAY-P600M Datasheet
80Kb / 5P
   General Purpose Plastic Rectifier
Revision: 13-Aug-13
More results

Similar Description - P600M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
6A05 SUNMATE-6A05 Datasheet
100Kb / 2P
   6.0A Axial Leaded Rectifier
MR750 SUNMATE-MR750 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
1N5400 SUNMATE-1N5400 Datasheet
80Kb / 2P
   3.0A Axial Leaded Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
   2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
   2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
PG1010 SUNMATE-PG1010 Datasheet
297Kb / 2P
   AXIAL LEADED RECTIFIER DIODES
GPP15A SUNMATE-GPP15A Datasheet
283Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com