Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN213CA Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIN213CA
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN213CA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIN213CA Datasheet HTML 5Page - Intersil Corporation HIN213CA Datasheet HTML 6Page - Intersil Corporation HIN213CA Datasheet HTML 7Page - Intersil Corporation HIN213CA Datasheet HTML 8Page - Intersil Corporation HIN213CA Datasheet HTML 9Page - Intersil Corporation HIN213CA Datasheet HTML 10Page - Intersil Corporation HIN213CA Datasheet HTML 11Page - Intersil Corporation HIN213CA Datasheet HTML 12Page - Intersil Corporation HIN213CA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Application Information
The HIN2XX may be used for all RS-232 data terminal and
communication links. It is particularly useful in applications
where
±12V power supplies are not available for
conventional RS-232 interface circuits. The applications
presented represent typical interface configurations.
A simple duplex RS-232 port with CTS/RTS handshaking is
illustrated in Figure 9. Fixed output signals such as DTR
(data terminal ready) and DSRS (data signaling rate select)
is generated by driving them through a 5kW resistor
connected to V+.
In applications requiring four RS-232 inputs and outputs
(Figure 10), note that each circuit requires two charge pump
capacitors (C1 and C2) but can share common reservoir
capacitors (C3 and C4). The benefit of sharing common
reservoir capacitors is the elimination of two capacitors and
the reduction of the charge pump source impedance which
effectively increases the output swing of the transmitters.
Typical Performance Curves
FIGURE 5.
V- SUPPLY VOLTAGE vs VCC
FIGURE 6. V+, V- OUTPUT VOLTAGE vs LOAD
12
10
8
6
4
2
0
3.5
4.0
4.5
6.0
VCC
5.0
5.5
3.0
0.1
µF
35
|ILOAD| (mA)
V+ (VCC = 4V)
V+ (VCC = 5V)
V- (VCC = 5V)
V- (VCC = 4V)
TA = 25
oC
TRANSMITTER OUTPUTS
OPEN CIRCUIT
30
25
20
15
10
5
0
0
12
10
8
6
4
2
Test Circuits (HIN202)
FIGURE 7. GENERAL TEST CIRCUIT
FIGURE 8. POWER-OFF SOURCE RESISTANCE
CONFIGURATION
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
+4.5V TO
+5.5V INPUT
3k
T1 OUTPUT
RS-232
±30V INPUT
TTL/CMOS OUTPUT
TTL/CMOS INPUT
TTL/CMOS INPUT
TTL/CMOS OUTPUT
+
-
0.1
µF
C3
+
-
0.1
µF
C1
+
-
0.1
µF
C2
0.1
µF C4
3k
OUTPUT
RS-232
±30V INPUT
T2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
T2OUT
T1OUT
VIN = ±2V
A
ROUT = VIN/I
HIN202, HIN206, HIN207, HIN208, HIN211, HIN213


Similar Part No. - HIN213CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN213CA INTERSIL-HIN213CA Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN213CA HARRIS-HIN213CA Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN213CA INTERSIL-HIN213CA Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN213CA-T INTERSIL-HIN213CA-T Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN213CAZ INTERSIL-HIN213CAZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN213CA

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com