Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR750UTAA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # AVR750UTAA
Description  TAA-Compliant AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR750UTAA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AVR750UTAA_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR750UTAA_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR750UTAA_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR750UTAA_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AVR750UTAA_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Network grade AC surge and lightning protection is available from all outlets; Built-in data line surge suppression protects a single dialup or DSL line
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment, ideal for unattended kiosk applications
98% line mode efficiency rating uses less energy and BTU emissions
Built-in grounding lug
Hot swappable user battery replacement
Space saving, ultra-compact housing with support for wall-mount, desktop or floor placement
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
750
Output Watt Capacity (Watts)
450
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
120V (+8%, -21%)
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(12) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
6 UPS outlets, 6 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
3 min. (450w)
Half Load Runtime (min.)
8.6 min. (225w)
DC System Voltage (VDC)
12
2 / 5


Similar Part No. - AVR750UTAA_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVR750UTAA TRIPPLITE-AVR750UTAA Datasheet
532Kb / 5P
   TAA Compliant AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results

Similar Description - AVR750UTAA_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U_15 Datasheet
529Kb / 5P
   AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
AVR750UTAA TRIPPLITE-AVR750UTAA Datasheet
532Kb / 5P
   TAA Compliant AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
SMART750USBTAA TRIPPLITE-SMART750USBTAA Datasheet
496Kb / 5P
   TAA-Compliant SmartPro 120V 750VA 450W Line-Interactive UPS, AVR (Boost only), Tower, USB
logo
List of Unclassifed Man...
AVR750U ETC2-AVR750U Datasheet
529Kb / 6P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR900UTAA TRIPPLITE-AVR900UTAA_15 Datasheet
526Kb / 4P
   TAA-Compliant AVR Series 120V 900VA 480 Ultra-Compact Line-Interactive UPS with USB port
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR700UXRM TRIPPLITE-AVR700UXRM Datasheet
527Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVRX750U TRIPPLITE-AVRX750U_15 Datasheet
523Kb / 4P
   AVR Series 230V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port, C13 Outlets
AVRX750UF TRIPPLITE-AVRX750UF_15 Datasheet
530Kb / 4P
   AVR Series 230V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port, French-Belgian outlets
SMART750USB TRIPPLITE-SMART750USB_15 Datasheet
496Kb / 5P
   SmartPro 120V 750VA 450W Line-Interactive UPS,AVR (Boost only), Tower, USB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com