Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR900U Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # AVR900U
Description  AVR Series 120V 900VA 480W Ultra-Compact Line-Interactive UPS with USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR900U Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  AVR900U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR900U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR900U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR900U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AVR900U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Internal UPS Replacement Battery
Cartridge
RBC51
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147
Overvoltage Correction
Input voltages between 129 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 83 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Audible Alarm
Audible alarm indicates power-failure and overload status
Switches
Combination switch controls on/off power status and self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
420
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 2 out)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
4 x 12 x 7
UPS Power Module Dimensions
(hwd, cm)
10.2 x 30.5 x 17.8
UPS Power Module Weight (lbs.)
15.3
UPS Power Module Weight (kg)
6.9
UPS Shipping Dimensions (hwd / in.)
5.5 x 14.5 x 9.8
UPS Shipping Dimensions (hwd /
cm)
14 x 36.8 x 24.8
Shipping Weight (lbs.)
16.3
Shipping Weight (kg)
7.4
UPS Housing Material
ABS
3 / 5


Similar Part No. - AVR900U_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVR900UTAA TRIPPLITE-AVR900UTAA Datasheet
526Kb / 5P
   TAA Compliant AVR Series Line-Interactive UPS System
AVR900UTAA TRIPPLITE-AVR900UTAA_15 Datasheet
526Kb / 4P
   TAA-Compliant AVR Series 120V 900VA 480 Ultra-Compact Line-Interactive UPS with USB port
More results

Similar Description - AVR900U_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AVR900U ETC2-AVR900U Datasheet
530Kb / 6P
   AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR900U TRIPPLITE-AVR900U Datasheet
527Kb / 5P
   AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
AVR900UTAA TRIPPLITE-AVR900UTAA_15 Datasheet
526Kb / 4P
   TAA-Compliant AVR Series 120V 900VA 480 Ultra-Compact Line-Interactive UPS with USB port
logo
List of Unclassifed Man...
AVR550U ETC2-AVR550U Datasheet
531Kb / 6P
   AVR Series 550VA Ultra-compact Line-Interactive 120V UPS with USB port
AVR750U ETC2-AVR750U Datasheet
529Kb / 6P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR550U TRIPPLITE-AVR550U_15 Datasheet
526Kb / 4P
   AVR Series 120V 550VA 300W Ultra-Compact Line-Interactive UPS with USB port
AVR700U TRIPPLITE-AVR700U_15 Datasheet
522Kb / 5P
   AVR Series 120V 700VA 350W Ultra-Compact Line-Interactive UPS with USB port
AVR750U TRIPPLITE-AVR750U_15 Datasheet
529Kb / 5P
   AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR650UM TRIPPLITE-AVR650UM Datasheet
524Kb / 5P
   AVR Series 650VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com