Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP471 Datasheet(PDF) 10 Page - Analog Devices

Part # OP471
Description  High Speed, Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP471 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP471_15 Datasheet HTML 6Page - Analog Devices OP471_15 Datasheet HTML 7Page - Analog Devices OP471_15 Datasheet HTML 8Page - Analog Devices OP471_15 Datasheet HTML 9Page - Analog Devices OP471_15 Datasheet HTML 10Page - Analog Devices OP471_15 Datasheet HTML 11Page - Analog Devices OP471_15 Datasheet HTML 12Page - Analog Devices OP471_15 Datasheet HTML 13Page - Analog Devices OP471_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
OP471
–10–
Noise Measurement - Current Noise Density
The test circuit shown in Figure 10 can be used to measure current
noise density. The formula relating the voltage output to current
noise density is:
i
e
G
40nV / Hz
R
n
nOUT
S
=
Ê
ËÁ
ˆ
¯˜ -
()
2
2
where:
G = gain of 10,000
RS = 100 k
W source resistance
Capacative Load Driving and Power Supply Considerations
The OP471 is unity-gain stable and is capable of driving large
capacitive loads without oscillating. Nonetheless, good supply
bypassing is highly recommended. Proper supply bypassing
reduces problems caused by supply line noise and improves the
capacitive load driving capability of the OP471.
R2
100k
R3
1.24k
OP471
DUT
R5
8.06k
OP27E
R4
200
en OUT TO
SPECTRUM ANALYZER
R1
5
GAIN = 10,000
VS = 15V
Figure 10. Current Noise Density Test Circuit
R1
100 *
*
SEE TEXT
R3
50
OP471
C5
0.1 F
*
C4
10 F
+
V–
VOUT
CL
1000pF
C1
200pF
R2
VIN
PLACE SUPPLY DECOUPLING
CAPACITORS AT OP471
C3
0.1 F
C2
10 F
+
V+
Figure 11. Driving Large Capacitive Loads
In the standard feedback amplifier, the op amp’s output resistance
combines with the load capacitance to form a lowpass filter that
adds phase shift in the feedback network and reduces stability. A
simple circuit to eliminate this effect is shown in Figure 11. The
added components, C1 and R3, decouple the amplifier from the
load capacitance and provide additional stability. The values of
C1 and R3 shown in Figure 11 are for load capacitances of up
to 1,000 pF when used with the OP471.
In applications where the OP471’s inverting or noninverting inputs
are driven by a low source impedance (under 100
W) or connected
to ground, if V+ is applied before V–, or when V– is disconnected,
excessive parasitic currents will flow.
Most applications use dual tracking supplies and with the device
supply pins properly bypassed, power-up will not present a
problem. A source resistance of at least 100
W in series with all
inputs (Figure 11) will limit the parasitic currents to a safe level
if V– is disconnected. It should be noted that any source resistance,
even 100
W, adds noise to the circuit. Where noise is required to
be kept at a minimum, a germanium or Schottky diode can be
used to clamp the V– pin and eliminate the parasitic current
flow instead of using series limiting resistors. For most applica-
tions, only one diode clamp is required per board or system.
8V/ s
OP471
Rf
Figure 12. Pulsed Operation
Unity-Gain Buffer Applications
When Rf
£ 100 W and the input is driven with a fast, large signal
pulse (>1 V), the output waveform will look as shown in Figure 12.
During the fast feedthrough-like portion of the output, the input
protection diodes effectively short the output to the input, and a
current, limited only by the output short-circuit protection, will
be drawn by the signal generator. With Rf
≥ 500 W, the output
is capable of handling the current requirements (IL
£ 20 mA at
10 V); the amplifier will stay in its active mode and a smooth
transition will occur.
When Rf > 3 k
W, a pole created by Rf and the amplifier’s input
capacitance (2.6 pF) creates additional phase shift and reduces
phase margin. A small capacitor (20 pF to 50 pF) in parallel with
Rf helps eliminate this problem.
APPLICATIONS
Low Noise Amplifier
A simple method of reducing amplifier noise by paralleling
amplifiers is shown in Figure 13. Amplifier noise, depicted in
Figure 14, is around 5 nV/
÷Hz @ 1 kHz (R.T.I.). Gain for each
paralleled amplifier and the entire circuit is 100. The 200
W
resistors limit circulating currents and provide an effective output
resistance of 50
W. The amplifier is stable with a 10 nF capacitive
load and can supply up to 30 mA of output drive.


Similar Part No. - OP471_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP471 AD-OP471_17 Datasheet
334Kb / 17P
   High Speed, Low Noise Quad Operational Amplifier
More results

Similar Description - OP471_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_17 Datasheet
334Kb / 17P
   High Speed, Low Noise Quad Operational Amplifier
OP471 AD-OP471 Datasheet
314Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
REV. A
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
July 1994
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com