Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCPRO600 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # BCPRO600
Description  BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPRO600 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  BCPRO600_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPRO600_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPRO600_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPRO600_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
LEDS ALARMS & SWITCHES
LED Indicators
3 LEDs indicate line power, battery power and battery low/replace status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
510
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.8 x 5.2 x 7.5
UPS Power Module Dimensions
(hwd, cm)
27.3 x 13.3 x 19
UPS Power Module Weight (lbs.)
15.2
UPS Power Module Weight (kg)
6.9
UPS Shipping Dimensions (hwd / in.)
14 x 8.5 x 11
UPS Shipping Dimensions (hwd /
cm)
35.6 x 21.6 x 27.9
Shipping Weight (lbs.)
17.2
Shipping Weight (kg)
7.8
UPS Housing Material
PVC
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
3 / 4


Similar Part No. - BCPRO600_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
More results

Similar Description - BCPRO600_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050_15 Datasheet
489Kb / 4P
   BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
   BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450_15 Datasheet
498Kb / 4P
   BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com