Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP495 Datasheet(PDF) 6 Page - Analog Devices

Part # OP495
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP495 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP495_15 Datasheet HTML 2Page - Analog Devices OP495_15 Datasheet HTML 3Page - Analog Devices OP495_15 Datasheet HTML 4Page - Analog Devices OP495_15 Datasheet HTML 5Page - Analog Devices OP495_15 Datasheet HTML 6Page - Analog Devices OP495_15 Datasheet HTML 7Page - Analog Devices OP495_15 Datasheet HTML 8Page - Analog Devices OP495_15 Datasheet HTML 9Page - Analog Devices OP495_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP295/OP495
Rev. G | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
140
20
100
80
40
–25
60
–50
120
100
75
50
25
0
TEMPERATURE (°C)
VS = 36V
VS =5V
VS =3V
Figure 5. Supply Current Per Amplifier vs. Temperature
15.2
–15.2
100
–14.6
–15.0
–25
–14.8
–50
14.2
–14.4
14.4
14.6
14.8
15.0
75
50
25
0
VS = ±15V
RL = 100kΩ
RL = 10kΩ
RL =2kΩ
RL = 100kΩ
RL =2kΩ
TEMPERATURE (°C)
RL = 10kΩ
Figure 6. Output Voltage Swing vs. Temperature
3.1
2.5
100
2.8
2.6
–25
2.7
–50
3.0
2.9
75
50
25
0
TEMPERATURE (°C)
VS =3V
RL =2kΩ
RL = 10kΩ
RL = 100kΩ
Figure 7. Output Voltage Swing vs. Temperature
200
0
250
50
25
–200
–250
100
75
125
150
175
200
150
100
50
0
–50
–100
–150
INPUT OFFSET VOLTAGE (µV)
VS =5V
TA = 25°C
BASED ON 600 OP AMPS
Figure 8. OP295 Input Offset (VOS) Distribution
250
0
3.2
75
25
0.4
50
0
150
100
125
175
200
225
2.8
2.4
2.0
1.6
1.2
0.8
TCVOS (µV/°C)
VS =5V
–40°C ≤ TA ≤ +85°C
BASED ON 600 OP AMPS
Figure 9. OP295 TCVOS Distribution
5.1
4.5
100
4.8
4.6
–25
4.7
–50
5.0
4.9
75
50
25
0
VS =5V
TEMPERATURE (°C)
RL = 100kΩ
RL =10kΩ
RL =2kΩ
Figure 10. Output Voltage Swing vs. Temperature


Similar Part No. - OP495_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP495GBC AD-OP495GBC Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP495GP AD-OP495GP Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP495GP AD-OP495GP Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495GPZ AD-OP495GPZ Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495GS AD-OP495GS Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
More results

Similar Description - OP495_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com