Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200HFR40MBV Datasheet(PDF) 5 Page - International Rectifier

Part # 200HFR40MBV
Description  STANDARD RECOVERY DIODES Stud Version
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

200HFR40MBV Datasheet(HTML) 5 Page - International Rectifier

  200HFR40MBV Datasheet HTML 1Page - International Rectifier 200HFR40MBV Datasheet HTML 2Page - International Rectifier 200HFR40MBV Datasheet HTML 3Page - International Rectifier 200HFR40MBV Datasheet HTML 4Page - International Rectifier 200HFR40MBV Datasheet HTML 5Page - International Rectifier 200HFR40MBV Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
200HF(R) Series
5
Bulletin I2020 rev. A 07/94
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
120
130
140
150
160
170
180
0
25
50
75 100 125 150 175 200 225
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
200HF(R) Series
R
(DC) = 0.17 K/W
thJC
110
120
130
140
150
160
170
180
0
50
100
150
200
250
300
350
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
200HF(R) Series
R
(DC) = 0.17 K/W
thJC
Fig. 3 - Forward Power Loss Characteristics
0
20
40
60
80 100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
4 K/W
2.5 K/W
1.5 K
/W
1 K/
W
0.8
K/W
0.6
K/W
0.5
K/W
0
50
100
150
200
250
300
0
20 40 60 80 100 120 140 160 180 200
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
Average Forward Current (A)
200HF(R) Series
T = 180°C
J
Fig. 4 - Forward Power Loss Characteristics
0
20
40
60
80 100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.3
K/
W
0.4
K/W
0 .5
K/W
0.6
K/
W
0.8
K/W
1 K/
W
1.5 K
/W
4 K/W
2.5 K/W
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
200HF(R) Series
T = 180°C
J


Similar Part No. - 200HFR40MBV

ManufacturerPart #DatasheetDescription
logo
Make-Ps
200HFR MAKE-PS-200HFR Datasheet
246Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 200HFR40MBV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com