Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8106 Datasheet(PDF) 4 Page - NEC

Part # UPC8106
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8106 Datasheet(HTML) 4 Page - NEC

  UPC8106 Datasheet HTML 1Page - NEC UPC8106 Datasheet HTML 2Page - NEC UPC8106 Datasheet HTML 3Page - NEC UPC8106 Datasheet HTML 4Page - NEC UPC8106 Datasheet HTML 5Page - NEC UPC8106 Datasheet HTML 6Page - NEC UPC8106 Datasheet HTML 7Page - NEC UPC8106 Datasheet HTML 8Page - NEC UPC8106 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet P12770EJ2V0DS00
4
µµµµPC8106TB, µµµµPC8109TB
PIN FUNCTIONS (FOR THE
µµµµPC8106TB AND µµµµPC8109TB)
Pin
No.
Pin
Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Note
Function and Explanation
Equivalent Circuit
1
IFinput
1.3
This pin is IF input to double balanced
mixer (DBM). The input is designed as
high impedance. The circuit contri-
butes to suppress spurious signal.
Also this symmetrical circuit can keep
specified performance insensitive to
process-condition distribution. For
above reason, double balanced mixer
is adopted.
2GND
0
GND pin. Ground pattern on the board
should be formed as wide as possible.
Track Length should be kept as short
as possible to minimize ground
impedance.
3
LOinput
2.4
Local input pin. Recommendable input
level is
−10 to 0 dBm.
5VCC
2.7 to 5.5
Supply voltage pin.
6
RFoutput Same bias
as VCC
through
external
inductor
This pin is RF output from DBM. This
pin is designed as open collector. Due
to the high impedance output, this pin
should be externally equipped with LC
matching circuit to next stage.
5
6
1
2
3
4PS
VCC/GND
Power save control pin. Bias controls
operation as follows.
VCC
GND
5
4
2
Note Each pin voltage is measured with VCC = VPS = VRFout = 3.0 V.
Pin bias
Control
VCC
Operation
GND
Power Save


Similar Part No. - UPC8106

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T NEC-UPC8106T Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T-E3 NEC-UPC8106T-E3 Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T-E3 NEC-UPC8106T-E3 Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106TB NEC-UPC8106TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
More results

Similar Description - UPC8106

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
CML Microcircuits
FX118 CMLMICRO-FX118 Datasheet
120Kb / 7P
   Duplex Frequency Inverter for Cordless Telephones
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com