Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2019 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2019
Description  Self-Contained Audio Preamplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2019 Datasheet(HTML) 1 Page - Analog Devices

  SSM2019_15 Datasheet HTML 1Page - Analog Devices SSM2019_15 Datasheet HTML 2Page - Analog Devices SSM2019_15 Datasheet HTML 3Page - Analog Devices SSM2019_15 Datasheet HTML 4Page - Analog Devices SSM2019_15 Datasheet HTML 5Page - Analog Devices SSM2019_15 Datasheet HTML 6Page - Analog Devices SSM2019_15 Datasheet HTML 7Page - Analog Devices SSM2019_15 Datasheet HTML 8Page - Analog Devices SSM2019_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
a
SSM2019
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
©
Analog Devices, Inc. All rights reserved.
REV.
Self-Contained
Audio Preamplifier
FUNCTIONAL BLOCK DIAGRAM
RG1
RG2
5k
5k
1
5k
5k
V–
5k
OUT
5k
1
REFERENCE
V–
+IN
V+
–IN
GENERAL DESCRIPTION
The SSM2019 is a latest generation audio preamplifier, combin-
ing SSM preamplifier design expertise with advanced processing.
The result is excellent audio performance from a monolithic
device, requiring only one external gain set resistor or potentiom-
eter. The SSM2019 is further enhanced by its unity gain stability.
Key specifications include ultra-low noise (1.5 dB noise figure) and
THD (<0.01% at G = 100), complemented by wide bandwidth
and high slew rate.
Applications for this low cost device include microphone pream-
plifiers and bus summing amplifiers in professional and consumer
audio equipment, sonar, and other applications requiring a low
noise instrumentation amplifier with high gain capability.
FEATURES
Excellent Noise Performance: 1.0 nV/
÷Hz or
1.5 dB Noise Figure
Ultra-low THD: < 0.01% @ G = 100 Over the
Full Audio Band
Wide Bandwidth: 1 MHz @ G = 100
High Slew Rate: 16 V/ s @ G = 10
10 V rms Full-Scale Input,
G = 1, VS =
18 V
Unity Gain Stable
True Differential Inputs
Subaudio 1/f Noise Corner
8-Lead PDIP or 16-Lead SOIC
Only One External Component Required
Very Low Cost
Extended Temperature Range: –40 C to +85 C
APPLICATIONS
Audio Mix Consoles
Intercom/Paging Systems
2-Way Radio
Sonar
Digital Audio Systems
PIN CONNECTIONS
8-Lead PDIP (N Suffix)
8-Lead Narrow Body SOIC (RN Suffix)
*
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
RG1
–IN
+IN
RG2
V+
OUT
REFERENCE
V–
SSM2019
16-Lead Wide Body SOIC (R
W Suffix)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
NC
RG1
NC
–IN
+IN
NC
V–
NC
NC
RG2
NC
V+
NC
OUT
REFERENCE
NC
SSM2019
*Consult factory for availability.
A
2011
781/461-3113


Similar Part No. - SSM2019_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2019BN AD-SSM2019BN Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRN AD-SSM2019BRN Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
More results

Similar Description - SSM2019_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019 AD-SSM2019 Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
   Thermoelectric Self-contained Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com