Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2142 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2142
Description  Balanced Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2142 Datasheet(HTML) 4 Page - Analog Devices

  SSM2142_15 Datasheet HTML 1Page - Analog Devices SSM2142_15 Datasheet HTML 2Page - Analog Devices SSM2142_15 Datasheet HTML 3Page - Analog Devices SSM2142_15 Datasheet HTML 4Page - Analog Devices SSM2142_15 Datasheet HTML 5Page - Analog Devices SSM2142_15 Datasheet HTML 6Page - Analog Devices SSM2142_15 Datasheet HTML 7Page - Analog Devices SSM2142_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSM2142
–4–
THD PERFORMANCE
The following data, taken from the THD test circuit on an
Audio Precision System One using the internal 80 kHz noise
filter, demonstrates the typical performance of a balanced pair
system based on the SSM2142/SSM2141 chip set. Both dif-
ferential and single-ended modes of operation are shown, under
a number of output load conditions which simulate various
application situations. Note also that there is no adverse effect
on system performance when using the optional series feedback
capacitors, which reject dc cable offsets in order to maintain
optimal ac noise rejection. The large signal transient response of
the system to a 100 kHz square wave input is also shown,
demonstrating the stability of the SSM2142 under load.
V
IN
SSM
2142
4
3
+18V
6
5
7
8
1
2
–18V
10µF*
10µF*
R1
R2
R
L
A
B
SSM
2141
VOUT
C
*USED ONLY IN THD PLOTS AS NOTED.
ALL CABLE MEASUREMENTS USE BELDEN 8451 CABLE.
Figure 7. THD Test Circuit
Figure 8. THD+N vs. Frequency at Point B
(Differential Mode)
Figure 9. THD+N vs. Frequency at Point B
(Differential Mode)
Figure 10. THD+N vs. Frequency at Point A
(Single Ended)
Figure 11. THD+N vs. Frequency at Point C
(SSM2141 Output)
REV. C


Similar Part No. - SSM2142_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142P AD-SSM2142P Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142S AD-SSM2142S Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
More results

Similar Description - SSM2142_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
THAT1240 ETC-THAT1240 Datasheet
111Kb / 8P
   Balanced Line Receiver ICs
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
logo
E&E Magnetic Products L...
824-00178F EEMAGNETIC-824-00178F Datasheet
145Kb / 2P
   350mA balanced DC line current capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com