Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR2EM-14LB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR2EM-14LB
Description  700V - 2A - Triac Medium Power Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR2EM-14LB Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR2EM-14LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR2EM-14LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR2EM-14LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR2EM-14LB_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0968EJ0001 Rev.0.01
Page 1 of 3
Nov 28, 2012
Preliminary Datasheet
BCR2EM-14LB
700V - 2A - Triac
Medium Power Use
Features
 I
T (RMS): 2 A
 V
DRM: 800 V (Tj = 125C)
 I
FGTI, IRGTI, IRGT
: 10 mA
 Tj: 150 °C
 Planar Passivation Type
Outline
2
2
1
1
3
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
RENESAS Package code: PRSS0003ZM-A
(Package name : TO-126)
Applications
Washing machine, electric fan, air cleaner, other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
14
Unit
Conditions
Repetitive peak off-state voltage
Note1
VDRM
800
V
Tj = 125
C
700
V
Tj = 150
C
Non-repetitive peak off-state voltage
Note1
VDSM
840
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
2
A
Commercial frequency, sine full wave
360
 conduction Tc = 138C Note3
Surge on-state current
ITSM
8
A
50 Hz sinewave 1 full cycle,
peak value, non-repetitive
I
2t for fusion
I
2t
0.27
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
1
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate voltage
VGM
6
V
Peak gate current
IGM
1
A
Junction Temperature
Tj
–40 to +150
C
Storage temperature
Tstg
–40 to +150
C
Mass
0.715
g
Typical value
R07DS0968EJ0001
Rev.0.01
Nov 28, 2012


Similar Part No. - BCR2EM-14LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2EM-14LBB00 RENESAS-BCR2EM-14LBB00 Datasheet
61Kb / 4P
   700V - 2A - Triac Medium Power Use
More results

Similar Description - BCR2EM-14LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2EM-14LB RENESAS-BCR2EM-14LB Datasheet
61Kb / 4P
   700V - 2A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ Datasheet
105Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR5FM-14LJ RENESAS-BCR5FM-14LJ Datasheet
106Kb / 8P
   700V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com