Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPV362MU Datasheet(PDF) 3 Page - International Rectifier

Part # CPV362MU
Description  IGBT SIP MODULE Ultra-Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV362MU Datasheet(HTML) 3 Page - International Rectifier

  CPV362MU Datasheet HTML 1Page - International Rectifier CPV362MU Datasheet HTML 2Page - International Rectifier CPV362MU Datasheet HTML 3Page - International Rectifier CPV362MU Datasheet HTML 4Page - International Rectifier CPV362MU Datasheet HTML 5Page - International Rectifier CPV362MU Datasheet HTML 6Page - International Rectifier CPV362MU Datasheet HTML 7Page - International Rectifier CPV362MU Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
C-743
Fig. 1 - RMS Current and Output Power, Synthesized Sine Wave
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
CPV362MU
0
2
4
6
0 .1
1
1 0
1 0 0
f, F re q u e n cy (kH z)
0
S
T = 90°C
T = 125°C
Power Factor = 0.8
Modulation Depth = 0.8
V
= 60% of Rated Voltage
C
J
C C
1 .9
1 .2
0 .6
1
1 0
1 0 0
1
1 0
C E
V
, C o llector-to-E m itter V oltage (V )
T = 1 50 °C
T = 2 5°C
J
J
V
= 15 V
20 µs P U L S E W ID T H
G E
0 .1
1
1 0
1 0 0
5
1 0
1 5
2 0
V
, G a te -to -E m itte r V o lta g e (V )
G E
T = 2 5°C
T = 1 50 °C
J
J
V
= 1 00 V
5 µs P U L S E W ID T H
C C
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - CPV362MU

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV362M4K IRF-CPV362M4K Datasheet
326Kb / 10P
   Short Circuit Rated UltraFast IGBT
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
   UltraFast IGBT IGBT SIP MODULE
More results

Similar Description - CPV362MU

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPU165MU IRF-CPU165MU Datasheet
441Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV363MU IRF-CPV363MU Datasheet
453Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
logo
International Rectifier
CPV363MF IRF-CPV363MF Datasheet
453Kb / 8P
   IGBT SIP MODULE Fast IGBT
logo
Vishay Siliconix
VS-CPV362M4UPBF VISHAY-VS-CPV362M4UPBF Datasheet
263Kb / 10P
   IGBT SIP Module(Fast IGBT)
Revision: 25-Oct-17
logo
International Rectifier
CPV362MF IRF-CPV362MF Datasheet
458Kb / 8P
   IGBT SIP MODULE Fast IGBT
logo
Vishay Siliconix
CPV362M4UPBF VISHAY-CPV362M4UPBF Datasheet
298Kb / 11P
   IGBT SIP Module (Fast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV364MF IRF-CPV364MF Datasheet
460Kb / 8P
   IGBT SIP MODULE Fast IGBT
CPU165MF IRF-CPU165MF Datasheet
498Kb / 8P
   IGBT SIP MODULE Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com