Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2250 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2250
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250 Datasheet(HTML) 5 Page - Analog Devices

  SSM2250_15 Datasheet HTML 1Page - Analog Devices SSM2250_15 Datasheet HTML 2Page - Analog Devices SSM2250_15 Datasheet HTML 3Page - Analog Devices SSM2250_15 Datasheet HTML 4Page - Analog Devices SSM2250_15 Datasheet HTML 5Page - Analog Devices SSM2250_15 Datasheet HTML 6Page - Analog Devices SSM2250_15 Datasheet HTML 7Page - Analog Devices SSM2250_15 Datasheet HTML 8Page - Analog Devices SSM2250_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SSM2250
Rev. A | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10
0.1
1
20
20k
100
1k
10k
VS = 5V
BTL MODE
RL = 8Ω
CB = 1μF
POUT = 1W
AV = 2
Figure 4. BTL Out THD + N vs. Frequency
FREQUENCY (Hz)
10
0.1
1
20
20k
100
1k
10k
VS = 2.7V
BTL MODE
RL = 8Ω
CB = 1μF
POUT = 0.25W
AV = 2
Figure 5. BTL Out THD + N vs. Frequency
10
0.1
1
OUTPUT POWER (W)
10m
2
100m
1
2.7V
3.3V
VS = VARIES
BTL MODE
RL = 8Ω
CB = 1μF
VIN = 1kHz
AV = 2
5.0V
Figure 6. THD + N vs. Output Power
1
0.01
0.1
VS = 5V
SE MODE
RL = 32Ω
CB = 1μF
POUT = 60mW
AV = 1
FREQUENCY (Hz)
20
20k
100
1k
10k
Figure 7. SE Out THD + N vs. Frequency
1
0.01
0.1
VS = 2.7V
SE MODE
RL = 32Ω
CB = 1μF
POUT = 15mW
AV = 1
FREQUENCY (Hz)
20
20k
100
1k
10k
FREQUENCY
20
20k
100
1k
10k
Figure 8. SE Out THD + N vs. Frequency
OUTPUT POWER (mW)
10
1
0.01
10
200
100
0.1
5V
3.3V
2.7V
SE MODE
RL = 32Ω
CB = 1μF
VIN = 1kHz
Figure 9. BTL Out THD + N vs. Output Power


Similar Part No. - SSM2250_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250RM AD-SSM2250RM Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250RM-R2 AD-SSM2250RM-R2 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RM-REEL AD-SSM2250RM-REEL Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-R21 AD-SSM2250RMZ-R21 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-REEL AD-SSM2250RMZ-REEL Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
More results

Similar Description - SSM2250_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
   Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com