Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60A83RDPE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH60A83RDPE
Description  600V - 10A - IGBT Application: Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60A83RDPE Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH60A83RDPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60A83RDPE_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RJH60A83RDPE
Preliminary
R07DS0806EJ0200 Rev.2.00
Page 4 of 8
Jul 12, 2012
10
8
6
4
2
0
40
30
20
10
0
Typical Transfer Characteristics
0
4
8
12
16
20
VCE = 10 V
Pulse Test
Gate to Emitter Voltage VGE (V)
25°C
Tc = 150
°C
Collector to Emitter Saturation Voltage
vs. Junction Temparature (Typical)
−25
0
25
75
125
50
100
150
Case Temparature Tc (°C)
10 A
5 A
IC = 20 A
1
4
2
5
3
VGE = 15 V
Pulse Test
1
3
2
4
6
5
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
810
12
18
16
14
20
3
2
4
6
5
IC = 20 A
10 A
IC = 20 A
10 A
Tc = 25°C
Pulse Test
1
810
12
18
16
14
20
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Tc = 150°C
Pulse Test
Gate to Emitter Cutoff Voltage
vs. Junction Temparature (Typical)
−25
0
25
75
125
50
100
150
VCE = 10 V
Pulse Test
Case Temparature Tc (°C)
1 mA
IC = 10 mA
6
5
4
3
2
1
0
Frequency Characteristics (Typical)
Frequency f (kHz)
1
100
10
1000
Tj = 125°C, Tc = 90°C
VCE = 300 V, VGE = 15 V
Rg = 5
Ω, duty = 50%
0
Collector current wave
(Square wave)


Similar Part No. - RJH60A83RDPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60A83RDPE RENESAS-RJH60A83RDPE Datasheet
111Kb / 9P
   600V - 10A - IGBT Application: Inverter
Jul 12, 2012
More results

Similar Description - RJH60A83RDPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0_15 Datasheet
120Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPE RENESAS-RJH60A83RDPE Datasheet
111Kb / 9P
   600V - 10A - IGBT Application: Inverter
Jul 12, 2012
RJH60A83RDPD-A0 RENESAS-RJH60A83RDPD-A0 Datasheet
189Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60D1DPP-E0 RENESAS-RJH60D1DPP-E0_15 Datasheet
122Kb / 10P
   600V - 10A - IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_15 Datasheet
111Kb / 10P
   600V - 10A - IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_15 Datasheet
107Kb / 10P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0 Datasheet
119Kb / 9P
   600V - 10A - IGBT Application: Inverter
Jul 12, 2012
RJH60D1DPP-E0 RENESAS-RJH60D1DPP-E0 Datasheet
121Kb / 10P
   600V - 10A - IGBT Application: Inverter
Nov 01, 2012
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com