Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST-MELODY-DAP Datasheet(PDF) 6 Page - Analog Devices

Part # SST-MELODY-DAP
Description  Audio Processor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SST-MELODY-DAP Datasheet(HTML) 6 Page - Analog Devices

Back Button SST-MELODY-DAP_15 Datasheet HTML 2Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 3Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 4Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 5Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 6Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 7Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 8Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 9Page - Analog Devices SST-MELODY-DAP_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
–6–
SST-Melody-DAP
ABSOLUTE MAXIMUM RATINGS
1
Internal Supply Voltage (VDDINT) . . . . . . . . . –0.3 V to +3.0 V
Internal Supply Voltage (VDDEXT) . . . . . . . . . –0.3 V to +4.0 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V
Output Voltage Swing
3
. . . . . . . . . . –0.5 V to VDDEXT + 0.5 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) LQFP . . . . . . . . . . . . . . . . . . 280
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Applies to bidirectional pins (D0–D3, RFS0, RFS1, SCLK0, SCLK1, TFS0,
TFS1, A1–A13, PF0–PF7) and input only pins (CLKIN,
RESET, BR, DR0,
DR1,
PWD)
3Applies to output pins (
BG, PMS, DMS, BMS, IOMS, CMS, RD, WR,
PWDACK, A0, DT0, DT1, CLKOUT, FL2–0,
BGH)
ORDERING INFORMATION
The Analog Devices SST-Melody-DAP Reference Design
must be ordered under the part number ADSST-Melody-
SDK for the standalone reference design. This includes the
evaluation board with an evaluation copy of the software and
schematics.
Designers of products using this reference design also will be
required to sign a license agreement with the respective license
holder––i.e., Digital Theater Systems (DTS), Dolby Labora-
tories, THX Ltd., Microsoft, or SRS Labs––to use the
appropriate code and produce proof to Analog Devices of
having successfully completed the appropriate licensing proce-
dures before final products can be shipped to them. The final
product will be shipped from Analog Devices and will include
the decoder chipset and software; customers will be required to
sign license agreements with Analog Devices and separately pay
system royalties to the respective license holder.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the
SST-Melody-DAP features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
100-LEAD LQFP
PIN CONFIGURATION
5
4
3
2
7
6
9
8
1
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
25
A4/IAD3
A5/IAD4
GND
A6/IAD5
A7/IAD6
A8/IAD7
A9/IAD8
A10/IAD9
A11/IAD10
A12/IAD11
A13/IAD12
GND
CLKIN
XTAL
VDDEXT
CLKOUT
GND
VDDINT
WR
RD
BMS
DMS
PMS
IOMS
CMS
PIN 1
IDENTIFIER
74
75
72
73
70
71
65
66
67
68
63
64
61
62
59
60
69
57
58
55
56
53
54
51
52
D15
D14
D13
D12
GND
D11
D10
D9
VDDEXT
GND
D8
D7/
IWR
D6/
IRD
D5/IAL
D4/
IS
GND
VDDINT
D3/
IACK
D2/IAD15
D1/IAD14
D0/IAD13
BG
EBG
BR
EBR
TOP VIEW
(Not to Scale)
SST-Melody-DAP


Similar Part No. - SST-MELODY-DAP_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SST-MELODY-SHARC AD-SST-MELODY-SHARC_15 Datasheet
414Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
More results

Similar Description - SST-MELODY-DAP_15

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1145 NJRC-NJW1145 Datasheet
567Kb / 24P
   AUDIO PROCESSOR
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com