Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP01 Datasheet(PDF) 6 Page - Analog Devices

Part # TMP01
Description  Low Power Programmable Temperature Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP01_15 Datasheet HTML 2Page - Analog Devices TMP01_15 Datasheet HTML 3Page - Analog Devices TMP01_15 Datasheet HTML 4Page - Analog Devices TMP01_15 Datasheet HTML 5Page - Analog Devices TMP01_15 Datasheet HTML 6Page - Analog Devices TMP01_15 Datasheet HTML 7Page - Analog Devices TMP01_15 Datasheet HTML 8Page - Analog Devices TMP01_15 Datasheet HTML 9Page - Analog Devices TMP01_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TMP01
Rev. E | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
515
010
SUPPLY VOLTAGE (V)
550
350
400
375
450
425
475
500
525
+25°C
+125°C
+85°C
–55°C
–40°C
Figure 3. Supply Current vs. Supply Voltage
5.0
3.0
4.5
3.5
4.0
125
–75
–50
–25
100
75
50
25
0
TEMPERATURE (°C)
Figure 4. Minimum Supply Voltage vs. Temperature
2.0
1.0
0.5
–2.0
1.5
–1.0
–1.5
–0.5
0
125
–75
–50
–25
100
75
V+ = 5V
50
25
0
TEMPERATURE (°C)
Figure 5. VPTAT Accuracy vs. Temperature
2.508
2.506
2.504
2.496
2.500
2.498
2.502
125
–75
–50
–25
100
75
V+ = 5V
50
25
0
TEMPERATURE (°C)
Figure 6. VREF Accuracy vs. Temperature
6
0
3
1
2
5
4
50
10
40
030
20
VC = 15V
V+ = 5V
TA = 25°C
IC (mA)
Figure 7. Open-Collector Output (OVER, UNDER) Saturation Voltage vs.
Output Current
X – 3
σ
X + 3
σ
2.510
2.490
2.496
2.492
2.494
2.502
2.498
2.500
2.504
2.506
2.508
1000
200
800
0
400
600
X
CURVES NOT NORMALIZED
EXTRAPOLATED FROM OPERATING LIFE DATA
T = HOURS OF OPERATION AT 125°C; V+ = 5V
Figure 8. VREF Long Term Drift Accelerated by Burn-In


Similar Part No. - TMP01_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP01EP AD-TMP01EP Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01ES AD-TMP01ES Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01ES AD-TMP01ES Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01ES-REEL AD-TMP01ES-REEL Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01ESZ-REEL1 AD-TMP01ESZ-REEL1 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
More results

Similar Description - TMP01_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01 AD-TMP01 Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope with Temperature Compensation
Rev. PrA
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com