Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP60F5DPK Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP60F5DPK
Description  600V - 40A - IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP60F5DPK Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP60F5DPK_15 Datasheet HTML 1Page - Renesas Technology Corp RJP60F5DPK_15 Datasheet HTML 2Page - Renesas Technology Corp RJP60F5DPK_15 Datasheet HTML 3Page - Renesas Technology Corp RJP60F5DPK_15 Datasheet HTML 4Page - Renesas Technology Corp RJP60F5DPK_15 Datasheet HTML 5Page - Renesas Technology Corp RJP60F5DPK_15 Datasheet HTML 6Page - Renesas Technology Corp RJP60F5DPK_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJP60F5DPK
Preliminary
R07DS0757EJ0100Rev.1.00
Page 3 of 6
May 31, 2012
Main Characteristics
Typical Output Characteristics
160
120
80
40
123
45
0
0
Collector to Emitter Voltage VCE (V)
160
120
80
40
0
Pulse Test
Ta = 25°C
Pulse Test
Ta = 25°C
9 V
V
GE = 8 V
8.5 V
9.5 V
10.5 V
15 V
13 V
10 V
11 V
Typical Transfer Characteristics
2
468
10
12
VCE = 10 V
Pulse Test
Gate to Emitter Voltage VGE (V)
25°C
–25
°C
Tc = 75
°C
Collector to Emitter Voltage VCE (V)
Maximum Safe Operation Area
1000
100
1
10
0.1
1
100
10
1000
Tc = 25
°C
Single pulse
PW
=
10
μs
1.0
2.2
1.8
1.4
2.6
3.0
68
10
12
14
16
20
18
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
IC = 20 A
40 A
80 A
Ta = 25°C
Pulse Test
Gate to Emitter Voltage VGE (V)
Collector to Emitter Saturation Voltage
vs. Junction Temparature (Typical)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
−25
02575
125
50
100
150
VGE = 15 V
Pulse Test
Junction Temparature Tj (°C)
40 A
20 A
IC = 80 A
0
6
4
2
8
10
Gate to Emitter Cutoff Voltage
vs. Junction Temparature (Typical)
−25
02575
125
50
100
150
VCE = 10 V
Pulse Test
Junction Temparature Tj (°C)
1 mA
IC = 10 mA


Similar Part No. - RJP60F5DPK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60F5DPK RENESAS-RJP60F5DPK Datasheet
85Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
May 31, 2012
More results

Similar Description - RJP60F5DPK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60F5DPM RENESAS-RJP60F5DPM_15 Datasheet
84Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
RJP60F5DPK RENESAS-RJP60F5DPK Datasheet
85Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
May 31, 2012
RJP60F7DPK RENESAS-RJP60F7DPK Datasheet
105Kb / 7P
   600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0 Datasheet
102Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJQ6022DPM RENESAS-RJQ6022DPM Datasheet
87Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJQ6021DPM RENESAS-RJQ6021DPM Datasheet
81Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJH60F6BDPQ-A0 RENESAS-RJH60F6BDPQ-A0 Datasheet
101Kb / 9P
   600V - 45A - IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com