Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA105NH60 Datasheet(PDF) 1 Page - International Rectifier

Part # HFA105NH60
Description  HEXFRED??Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA105NH60 Datasheet(HTML) 1 Page - International Rectifier

  HFA105NH60 Datasheet HTML 1Page - International Rectifier HFA105NH60 Datasheet HTML 2Page - International Rectifier HFA105NH60 Datasheet HTML 3Page - International Rectifier HFA105NH60 Datasheet HTML 4Page - International Rectifier HFA105NH60 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Parameter
Max.
Units
VR
Cathode-to-Anode Voltage
600
V
IF @ TC = 25°C
Continuous Forward Current
171
IF @ TC = 100°C
Continuous Forward Current
85
IFSM
Single Pulse Forward Current
600
IAS
Maximum Single Pulse Avalanche Current
2.0
EAS
Non-Repetitive Avalanche Energy
220
µJ
PD @ TC = 25°C
Maximum Power Dissipation
463
PD @ TC = 100°C
Maximum Power Dissipation
185
TJ
Operating Junction and
TSTG
Storage Temperature Range
PD-2.444
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of Recovery Parameters
Features
Description
HEXFRED
TM diodes are optimized to reduce losses and EMI/RFI in high frequency
power conditioning systems.
An extensive characterization of the recovery
behavior for different values of current, temperature and di/dt simplifies the
calculations of losses in the operating conditions. The softness of the recovery
eliminates the need for a snubber in most applications.
These devices are
ideally suited for power converters, motors drives and other applications where
switching losses are significant portion of the total losses.
Ultrafast, Soft Recovery Diode
HEXFRED
TM
HFA105NH60
Revision 0
Absolute Maximum Ratings
VR = 600V
VF = 1.5V
Qrr * = 1200nC
di(rec)M/dt * = 240A/µs
* 125°C
A
LUG
TERMINAL
ANODE
BASE CATHODE
d
a
HALF-PAK
Note:
Limited by junction temperature
L = 100µH, duty cycle limited by max TJ
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case, Single
––––
––––
0.27
RθCS
Case-to-Sink, Flat , Greased Surface
––––
0.15
––––
Wt
Weight
––––
26 (0.9)
––––
g (oz)
Mounting Torque
15 (1.7)
––––
25 (2.8)
lbf•in
Terminal Torque
20 (2.2)
––––
40 (4.4)
(N•m)
°C/W
K/W
Thermal - Mechanical Characteristics
-55 to +150
W
°C
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - HFA105NH60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA105NH60R IRF-HFA105NH60R Datasheet
282Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA105NH60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
HFA75MB40C IRF-HFA75MB40C Datasheet
278Kb / 5P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA320NJ40C IRF-HFA320NJ40C Datasheet
329Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA16PB120 IRF-HFA16PB120 Datasheet
164Kb / 6P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA140NJ60C IRF-HFA140NJ60C Datasheet
320Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA06PB120 IRF-HFA06PB120 Datasheet
188Kb / 7P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA100MD60C IRF-HFA100MD60C Datasheet
309Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60R IRF-HFA105NH60R Datasheet
282Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA16PA120C IRF-HFA16PA120C Datasheet
124Kb / 7P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA135NH40R IRF-HFA135NH40R Datasheet
338Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com