Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300HFR80MS Datasheet(PDF) 2 Page - International Rectifier

Part # 300HFR80MS
Description  STANDARD RECOVERY DIODES Stud Version
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

300HFR80MS Datasheet(HTML) 2 Page - International Rectifier

  300HFR80MS Datasheet HTML 1Page - International Rectifier 300HFR80MS Datasheet HTML 2Page - International Rectifier 300HFR80MS Datasheet HTML 3Page - International Rectifier 300HFR80MS Datasheet HTML 4Page - International Rectifier 300HFR80MS Datasheet HTML 5Page - International Rectifier 300HFR80MS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
300HF(R) Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak voltage
repetitive peak voltage
@ 180°C
VV
mA
40
400
500
300HF(R)
80
800
900
20
120
1200
1300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
300
A
180° conduction, half sine wave
@ Case temperature
125
°C
I
F(RMS)
Max. RMS forward current
470
A
DC @ 118°C case temperature
I
FSM
Max. peak, one-cycle forward,
5000
t = 10ms
No voltage
non-repetitive surge current
5200
t = 8.3ms
reapplied
3800
t = 10ms
100% V
RRM
4000
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
125
t = 10ms
No voltage
Initial T
J
= T
J
max
113
t = 8.3ms
reapplied
72
t = 10ms
100% V
RRM
66
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1250
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.38
V
I
FM
=
π x I
F(AV)
, T
J
= 25 °C, t
p
= 10ms sinusoidal wave
Parameter
300HF(R)
Units Conditions
Forward Conduction
0.86
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.89
(I >
π x I
F(AV)
), T
J
= T
J
max.
0.48
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.46
(I >
π x I
F(AV)
), T
J
= T
J
max.
KA2s
A
V
m
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - 300HFR80MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300HF IRF-300HF Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300HF VISHAY-300HF Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
logo
International Rectifier
300HF40MVL1 IRF-300HF40MVL1 Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300HF40MVL1 VISHAY-300HF40MVL1 Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
logo
International Rectifier
300HF40MVL2 IRF-300HF40MVL2 Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 300HFR80MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com