Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8129GR Datasheet(PDF) 3 Page - NEC

Part # UPC8129GR
Description  UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8129GR Datasheet(HTML) 3 Page - NEC

  UPC8129GR Datasheet HTML 1Page - NEC UPC8129GR Datasheet HTML 2Page - NEC UPC8129GR Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UPC8129GR
PART NUMBER
QTY
UPC8129GR-E1
2.5 k/Reel
ORDERING INFORMATION
Note:
Embossed Tape, 12 mm wide,
Pins 1 through 10 are in tape pull-out direction.
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE SSOP 20
LEAD CONNECTIONS
1. Upconverter Input
2. Upconverter Input (Bypass)
3. Modulator Output
4. I Input
5. I Input
6. Q Input
7. Q Input
8. LO1 Input (Modulator)
9. LO1 Input (Bypass)
10. GND
11. GND
12. LO2 Input (Bypass)
13. LO2 Input (Upconverter)
14. GND
15. VAGC (Upconverter)
16. VPS (Power Save)
17. GND
18. RF Output
19. VCC (Upconverter)
20. VCC (Modulator)
All dimensions are typical unless specified otherwise.
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE
20
11
1
N
10
7.00 MAX
6.4
±0.2
4.4
±0.1
1.0
0.5
±0.2
0.15
1.8 MAX
1.5
±0.1
0.1
±0.1
0.22
0.65
0.575 MAX
+0.10
- 0.05
+0.10
- 0.05


Similar Part No. - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8129GR NEC-UPC8129GR Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
More results

Similar Description - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com