Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8151TA Datasheet(PDF) 2 Page - NEC

Part # UPC8151TA
Description  SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8151TA Datasheet(HTML) 2 Page - NEC

  UPC8151TA Datasheet HTML 1Page - NEC UPC8151TA Datasheet HTML 2Page - NEC UPC8151TA Datasheet HTML 3Page - NEC UPC8151TA Datasheet HTML 4Page - NEC UPC8151TA Datasheet HTML 5Page - NEC UPC8151TA Datasheet HTML 6Page - NEC UPC8151TA Datasheet HTML 7Page - NEC UPC8151TA Datasheet HTML 8Page - NEC UPC8151TA Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Preliminary Data Sheet P14637EJ1V0DS00
2
PPPPPC8128TA, PPPPPC8151TA, PPPPPC8152TA
ORDERING INFORMATION
Part Number
Package
Marking
Feature
Supplying Form
PPC8128TA-E3
C2P
2.8 mA Low ICC
PPC8151TA-E3
C2U
4 mA High PO
PPC8152TA-E3
6-pin minimold
C2V
5 mA High GP
Embossed tape 8 mm wide.
1, 2, 3 pins face the perforation side of the tape.
Qty 3 kpcs/reel.
Remark
To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order:
PPC8128TA, PPC8151TA, PPC8152TA)
PIN CONNECTIONS
Pin No.
Pin Name
1
INPUT
2GND
3GND
4OUTPUT
5GND
6VCC
3
2
1
4
(Top View)
Marking is an example of PC8128TA
µ
5
6
4
5
6
3
(Bottom View)
2
1


Similar Part No. - UPC8151TA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8151TA RENESAS-UPC8151TA Datasheet
448Kb / 54P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
UPC8151TA-E3 RENESAS-UPC8151TA-E3 Datasheet
448Kb / 54P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results

Similar Description - UPC8151TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com