Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300HFR120MS Datasheet(PDF) 1 Page - International Rectifier

Part # 300HFR120MS
Description  STANDARD RECOVERY DIODES Stud Version
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

300HFR120MS Datasheet(HTML) 1 Page - International Rectifier

  300HFR120MS Datasheet HTML 1Page - International Rectifier 300HFR120MS Datasheet HTML 2Page - International Rectifier 300HFR120MS Datasheet HTML 3Page - International Rectifier 300HFR120MS Datasheet HTML 4Page - International Rectifier 300HFR120MS Datasheet HTML 5Page - International Rectifier 300HFR120MS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
High current carrying capability
High surge current capability
Types up to 1200V V
RRM
Stud cathode and stud anode version
Standard JEDEC types
Diffused junction
Typical Applications
Battery chargers
Converters
Power supplies
Machine tool controls
I
F(AV)
300
A
@ T
C
125
°C
I
F(RMS)
470
A
I
FSM
@ 50Hz
5000
A
@ 60Hz
5200
A
I2t@ 50Hz
125
KA2s
@ 60Hz
113
KA2s
V
RRM
range
400 to 1200
V
T
J
-40 to 180
°C
Parameters
300HF(R)
Units
Major Ratings and Characteristics
case style
DO-205AB (DO-9)
300HF(R) SERIES
300A
STANDARD RECOVERY DIODES
Stud Version
Bulletin I2021/A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 300HFR120MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300HF IRF-300HF Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300HF VISHAY-300HF Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
logo
International Rectifier
300HF40MVL1 IRF-300HF40MVL1 Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300HF40MVL1 VISHAY-300HF40MVL1 Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
logo
International Rectifier
300HF40MVL2 IRF-300HF40MVL2 Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 300HFR120MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com