Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2118 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2118
Description  SINGLE CHANNEL DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2118 Datasheet(HTML) 3 Page - International Rectifier

  IR2118 Datasheet HTML 1Page - International Rectifier IR2118 Datasheet HTML 2Page - International Rectifier IR2118 Datasheet HTML 3Page - International Rectifier IR2118 Datasheet HTML 4Page - International Rectifier IR2118 Datasheet HTML 5Page - International Rectifier IR2118 Datasheet HTML 6Page - International Rectifier IR2118 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IR2118
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-85
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
125
200
VS = 0V
toff
Turn-Off Propagation Delay
105
180
VS = 600V
tr
Turn-On Rise Time
80
130
tf
Turn-Off Fall Time
40
65
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Figure 3.
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” Input Voltage
6.4
VCC = 10V
9.5
VCC = 15V
12.6
VCC = 20V
VIL
Logic “1” Input Voltage
3.8
VCC = 10V
——
6.0
VCC = 15V
——
8.3
VCC = 20V
VOH
High Level Output Voltage, VBIAS - VO
100
IO = 0A
VOL
Low Level Output Voltage, VO
100
IO = 0A
ILK
Offset Supply Leakage Current
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
50
240
VIN = 0V or VCC
IQCC
Quiescent VCC Supply Current
70
340
µA
VIN = 0V or VCC
IIN+
Logic “1” Input Bias Current
1.0
VIN = 0V
IIN-
Logic “0” Input Bias Current
20
40
VIN = 15V
VBSUV+
VBS Supply Undervoltage Positive Going Threshold
7.6
8.6
9.6
VBSUV-
VBS Supply Undervoltage Negative Going Threshold
7.2
8.2
9.2
VCCUV+
VCC Supply Undervoltage Positive Going Threshold
7.6
8.6
9.6
VCCUV-
VCC Supply Undervoltage Negative Going Threshold
7.2
8.2
9.2
IO+
Output High Short Circuit Pulsed Current
200
250
VO = 0V, VIN = 0V
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
420
500
VO = 15V, VIN = VCC
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
V
mV
mA
V
ns
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IR2118

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2118 IRF-IR2118 Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
IR2118 IRF-IR2118 Datasheet
272Kb / 18P
   Gate drive supply range from 10 to 20V
logo
Infineon Technologies A...
IR2118 INFINEON-IR2118 Datasheet
269Kb / 18P
   SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2118PBF IRF-IR2118PBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
IR2118S IRF-IR2118S Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
More results

Similar Description - IR2118

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
   SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
logo
Motorola, Inc
MPIC2117 MOTOROLA-MPIC2117 Datasheet
152Kb / 6P
   SINGLE CHANNEL DRIVER
logo
International Rectifier
IR2117 IRF-IR2117_15 Datasheet
267Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
AUIRS211S INFINEON-AUIRS211S Datasheet
659Kb / 21P
   SINGLE CHANNEL DRIVER
July 15, 2014
logo
International Rectifier
IRS2117 IRF-IRS2117 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
AUIRS2117S IRF-AUIRS2117S Datasheet
510Kb / 21P
   SINGLE CHANNEL DRIVER
IR2118STRPBF IRF-IR2118STRPBF Datasheet
267Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2117 INFINEON-IR2117 Datasheet
269Kb / 18P
   SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117 Datasheet
266Kb / 7P
   SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com