Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3904W
Description  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3904W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3904W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3904W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3904W_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3904W_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3904W_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MMBT3904W_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Any changing of specification will not be informed individual
MMBT3904W
NPN Silicon
General Purpose Transistor
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
TA = 25°C
Derate above 25°C
PD
200
1.6
mW
mW/°C
Thermal Resistance Junction to Ambient
RqJA
625
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
DEVICE MARKING
MMBT3904W = 1A, K2N
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (3)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector–Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
IBL
50
nAdc
Collector Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
ICEX
50
nAdc
1. FR–5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
·
Epitaxial Planar Die Construction
·
Complementary PNP Type Available
(MMBT3906
W)
·
Ideal for Medium Power Amplification and
Switching
FEATURES
COLLECTOR
3
1
BASE
2
EMITTER
REM : Thermal Clad is a registered trademark of the Berquist Company.
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323(SC-70)
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SC-70
SOT-323
1
2
3
01-Jun-200
7 Rev. B
Page 1 of
6
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBT3904W_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT3904W KEXIN-MMBT3904W_15 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - MMBT3904W_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com