Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA44 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA44
Description  NPN Silicon Epitaxial Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA44 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA44_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA44_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBTA44
400V, 0.2A
NPN Silicon Epitaxial Transistor
09-Oct-2014 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage Transistor
MARKING
3D
PACKING INFORMATION
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
400
V
Collector - Emitter Voltage
VCEO
400
V
Emitter - Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
0.2
A
Collector Current -Pulsed
ICM
0.3
A
Collector Power Dissipation
PC
350
mW
Thermal Resistance From Junction To Ambient
RθJA
357
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
IC =100µA, IE =0
V(BR)CBO
400
-
-
V
Collector-Emitter Breakdown Voltage
1
IC =1mA, IB =0
V(BR)CEO
400
-
-
V
Emitter-Base Breakdown Voltage
IE =10µA, IC =0
V(BR)EBO
6
-
-
V
Collector Cut-Off Current
VCB =400V, IE =0
ICBO
-
-
0.1
µA
Emitter Cut-Off Current
VEB =4V, IC =0
IEBO
-
-
0.1
µA
VCE =10V, IC =1mA
40
-
-
VCE =10V, IC =10mA
50
-
200
VCE =10V, IC =50mA
45
-
-
DC Current Gain
1
VCE =10V, IC =100mA
hFE
40
-
-
IC =1mA, IB =0.1mA
-
-
0.4
IC =10mA, IB =1mA
-
-
0.5
Collector-Emitter Saturation Voltage
1
IC =50mA, IB =5mA
VCE(sat)
-
-
0.75
V
Base-Emitter Saturation Voltage
1
IC =10mA, IB =1mA
VBE(sat)
-
-
0.75
V
Output Capacitance
VCB =20V, IE =0, f=1MHz
Cobo
-
-
7
pF
Input Capacitance
VEB =0.5V, IC =0, f=1MHz
Cibo
-
-
130
pF
Note:
1. Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Package
MPQ
Leader Size
SOT-23
3K
7 inch
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - MMBTA44_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBTA44 KEXIN-MMBTA44_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
SHENZHEN YONGERJIA INDU...
MMBTA44 WINNERJOIN-MMBTA44_15 Datasheet
128Kb / 1P
   NPN TRANSISTOR
logo
KEC(Korea Electronics)
MMBTA44 KEC-MMBTA44_15 Datasheet
586Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
MMBTA44 UTC-MMBTA44_15 Datasheet
221Kb / 4P
   HIGH VOLTAGE TRANSISTORS
logo
Diotec Semiconductor
MMBTA44 DIOTEC-MMBTA44_15 Datasheet
106Kb / 2P
   Surface mount High Voltage Transistors
More results

Similar Description - MMBTA44_15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com