Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHF530S Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # SIHF530S
Description  Halogen-free According to IEC 61249-2-21
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHF530S Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  SIHF530S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
Rg
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
200
0
40
80
120
160
25
150
125
100
75
50
Starting TJ, Junction Temperature (°C)
Bottom
Top
I
D
5.7 A
9.9 A
14 A
V
DD = 25 V
91020_12c
175
Q
GS
Q
GD
Q
G
VG
Charge
V
GS
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
IRF530S, SiHF530S
2014-8-28
6
www.kersemi.com


Similar Part No. - SIHF530S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF530S VISHAY-SIHF530S Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
Vishay Telefunken
SIHF530S TFUNK-SIHF530S Datasheet
175Kb / 9P
   Power MOSFET
logo
Vishay Siliconix
SIHF530S VISHAY-SIHF530S Datasheet
218Kb / 9P
   Power MOSFET
01-Jan-2022
SIHF530S-E3 VISHAY-SIHF530S-E3 Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
SIHF530S-GE3 VISHAY-SIHF530S-GE3 Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Similar Description - SIHF530S

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com