Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840S Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRF840S
Description  Available in Tape and Reel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF840S Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF840S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF840S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF840S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF840S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF840S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF840S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF840S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
IRF840S
www.kersemi.com
2014-8-30
3


Similar Part No. - IRF840S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
logo
TRANSYS Electronics Lim...
IRF840S TEL-IRF840S Datasheet
145Kb / 1P
   Power MOSFET
logo
Vishay Siliconix
IRF840S VISHAY-IRF840S Datasheet
1Mb / 8P
   Power MOSFET
S-81432-Rev. A, 07-Jul-08
logo
Advanced Power Electron...
IRF840S A-POWER-IRF840S Datasheet
100Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Guangdong Kexin Industr...
IRF840S KEXIN-IRF840S Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Similar Description - IRF840S

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
Anaren Microwave
XDL21-6-117 ANAREN-XDL21-6-117 Datasheet
363Kb / 3P
   Available in Tape & Reel
logo
DinTek Semiconductor Co...
DTL1N60 DINTEK-DTL1N60 Datasheet
3Mb / 12P
   Power MOSFET Available in Tape and Reel
DTL2N60 DINTEK-DTL2N60_13 Datasheet
3Mb / 11P
   Power MOSFET Available in Tape and Reel
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com