Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR18N15D Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFR18N15D
Description  Low Gate to Drain Charge to Reduce
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR18N15D Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFR18N15D_15 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR18N15D_15 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFR18N15D/IRFU18N15D
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
4.2
–––
–––
S
VDS = 50V, ID = 11A
Qg
Total Gate Charge
–––
28
43
ID = 11A
Qgs
Gate-to-Source Charge
–––
7.6
11
nC
VDS = 120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
14
21
VGS = 10V,
„
td(on)
Turn-On Delay Time
–––
8.8
–––
VDD = 75V
tr
Rise Time
–––
25
–––
ID = 11A
td(off)
Turn-Off Delay Time
–––
15
–––
RG = 6.8Ω
tf
Fall Time
–––
9.8
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
900
–––
VGS = 0V
Coss
Output Capacitance
–––
190
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
49
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
1160 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
88
–––
VGS = 0V, VDS = 120V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
95
–––
VGS = 0V, VDS = 0V to 120V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
200
mJ
IAR
Avalanche Current

–––
11
A
EAR
Repetitive Avalanche Energy

–––
11
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 11A, VGS = 0V
„
trr
Reverse Recovery Time
–––
130
190
ns
TJ = 25°C, IF = 11A
Qrr
Reverse RecoveryCharge
–––
660
980
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
18
72
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.125
VGS = 10V, ID = 11A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.5
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
2014-8-19
2
www.kersemi.com


Similar Part No. - IRFR18N15D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR18N15DPBF IRF-IRFR18N15DPBF Datasheet
217Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR18N15DPBF KERSEMI-IRFR18N15DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR18N15DPBF IRF-IRFR18N15DPBF Datasheet
226Kb / 11P
   High frequency DC-DC converters
IRFR18N15DPBF IRF-IRFR18N15DPBF Datasheet
226Kb / 11P
   High frequency DC-DC converters
IRFR18N15DPBF IRF-IRFR18N15DPBF_15 Datasheet
226Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR18N15D_15

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3410 KERSEMI-IRFR3410 Datasheet
1Mb / 8P
   Low Gate-to-Drain Charge to Reduce Switching Losses
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF_15 Datasheet
236Kb / 9P
   Low Gate to Drain Charge to Reduce Switching Losses
IRF7495TRPBF IRF-IRF7495TRPBF Datasheet
228Kb / 8P
   Low Gate to Drain Charge to Reduce Switching Losses
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com