Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR51HD320 Datasheet(PDF) 2 Page - International Rectifier

Part # IR51HD320
Description  SELF-OSCILLATING HALF-BRIDGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51HD320 Datasheet(HTML) 2 Page - International Rectifier

  IR51HD320 Datasheet HTML 1Page - International Rectifier IR51HD320 Datasheet HTML 2Page - International Rectifier IR51HD320 Datasheet HTML 3Page - International Rectifier IR51HD320 Datasheet HTML 4Page - International Rectifier IR51HD320 Datasheet HTML 5Page - International Rectifier IR51HD320 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IR51HD320
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Parameter
Symbol
Definition
Min.
Max.
Units
VIN
High Voltage Supply
-0.3
400
VB
High Side Floating Supply Absolute Voltage
-0.3
425
VO
Half-Bridge Output Voltage
-0.3
VIN + 0.3
V
VRT
RT Voltage
-0.3
VCC + 0.3
VCT
CT Voltage
-0.3
VCC + 0.3
ICC
Supply Current (Note 1)
---
25
mA
IRT
RT Output Current
-5
5
dv/dt
Peak Diode Recovery dv/dt
---
4.0
V/ns
PD
Package Power Dissipation @ TA
≤ +25ºC
---
2.00
W
RθJA
Thermal Resistance, Junction to Ambient
---
60
ºC/W
TJ
Junction Temperature
-55
150
TS
Storage Temperature
-55
150
ºC
TL
Lead Temperature (Soldering, 10 seconds)
---
300
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used
within the recommended conditions.
Parameter
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VO + 10
VO + VCLAMP
VIN
High Voltage Supply
---
400
V
VO
Half-Bridge Output Voltage
-5
400
ID
Continuous Drain Current
(TA
= 25ºC)
---
0.9
A
(TA
= 85ºC)
---
0.6
ICC
Supply Current (Note 1)
---
5mA
TA
Ambient Temperature
-40
125
ºC
Note 1:
Because of the IR51HD320's application specificity toward off-line supply systems, this IC contains a
zener clamp structure between the chip VCC and COM which has a nominal breakdown voltage of
15.6V.
Therefore, the IC supply voltage is normally derived by current feeding the VCC lead
(typically by means of a high value resistor connected between the chip VCC and the rectified line
voltage and a local decoupling capacitor from VCC to COM) and allowing the internal zener clamp
circuit to determine the nominal supply voltage. Therefore, this circuit should not be driven by a DC,
low impedance power source of greater than VCLAMP.
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR51HD320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD320 IRF-IR51HD320 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
IR51HD320 IRF-IR51HD320 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
More results

Similar Description - IR51HD320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H737 IRF-IR51H737 Datasheet
182Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD224 IRF-IR51HD224 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com