Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR7440 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFR7440
Description  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR7440 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFR7440 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR7440 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dv/dt and dI/dt Capability
l Lead-Free
l RoHS Compliant containing no Lead, no Bromide,
and no Halogen
Applications
l Brushed Motor drive applications
l BLDC Motor drive applications
l PWM Inverterized topologies
l Battery powered circuits
l Half-bridge and full-bridge topologies
l Electronic ballast applications
l Synchronous rectifier applications
l Resonant mode power supplies
l OR-ing and redundant power switches
l DC/DC and AC/DC converters
D-Pak
IRFR7440TRPbF
25
50
75
100
125
150
175
TC, Case Temperature (°C)
0
20
40
60
80
100
120
140
160
180
LIMITED BY PACKAGE
4
8
12
16
20
VGS, Gate-to-Source Voltage (V)
0
2
4
6
8
TJ = 25°C
TJ = 125°C
ID = 90A
D
S
G
VDSS
40V
RDS(on) typ.
1.9m
Ω
max.
2.4m
Ω
ID (Silicon Limited)
180A
c
ID (Package Limited)
90A
IRFR7440PbF
IRFU7440PbF
I-Pak
IRFU7440TRPbF
Ordering Information
Form
Quantity
IRFR7440PBF
D-PAK
Tube/Bulk
75
IRFR7440PBF
IRFR7440TRPBF
D-PAK
Tape and Reel
2000
IRFR7440TRPBF
IRFU7440PBF
I-PAK
Tube/Bulk
75
IRFU7440PBF
Orderable part number
Package Type
Standard Pack
Complete Part Number
IRFR7440PBF
IRFR7440TRPBF
IRFU7440PBF
2014-8-16
1
www.kersemi.com


Similar Part No. - IRFR7440

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFR7440 ISC-IRFR7440 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
   Brushed Motor drive applications
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
   Brushed Motor drive applications
IRFR7440PBF IRF-IRFR7440PBF Datasheet
297Kb / 12P
   Brushed Motor drive applications
IRFR7440PBF IRF-IRFR7440PBF_15 Datasheet
297Kb / 12P
   Brushed Motor drive applications
More results

Similar Description - IRFR7440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com