Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU024N Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRFU024N
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU024N Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU024N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU024N Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Tape & Reel Information
TO-252AA
Dimensions are shown in millimeters (inches)
TR
1 6.3 ( .6 41 )
1 5.7 ( .6 19 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12 .1 ( .4 7 6 )
11 .9 ( .4 6 9 )
F E E D DIR E CT IO N
F E E D DIR E CT IO N
16 .3 ( .64 1 )
15 .7 ( .61 9 )
TR R
TR L
NO T E S :
1 . CO N T R O LL IN G DIM E NS IO N : M ILL IM E T E R .
2 . A LL DIM E NS IO NS A R E S H O W N IN M ILL IM E T E R S ( IN CH E S ).
3 . O U T L IN E C O N F O R M S T O EIA-4 81 & EIA-54 1.
NO T E S :
1. O U T L IN E C O N F O R M S T O EIA-4 81 .
16 m m
1 3 IN C H
IRFR/U024N
www.kersemi.com
2014-8-15
10


Similar Part No. - IRFU024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU024N IRF-IRFU024N Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
logo
Inchange Semiconductor ...
IRFU024N ISC-IRFU024N Datasheet
319Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU024NPBF IRF-IRFU024NPBF Datasheet
401Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU024NPBF KERSEMI-IRFU024NPBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFU024NPBF KERSEMI-IRFU024NPBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
More results

Similar Description - IRFU024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com