Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HKQ0603C2N6C-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HKQ0603C2N6C-T
Description  High-Q Multilayer Chip Inductors for High Frequency
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HKQ0603C2N6C-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HKQ0603C2N6C-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type / AQ series)
HKQ0603C2N6C-T
Features
Item Summary
2.6nH(-0.2nH to +0.2nH), 560mA, 15, 0201
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 15000pcs
Products characteristics table
CaseSize (EIA/JIS)
0201/0603
Inductance
2.6nH(-0.2nH to +0.2nH)
Inductance Measuring Frequency
500MHz
Rated Current
560mA
-
DC Resistance (max)
0.16Ω
Self-resonant Frequency (min)
8500MHz
Q (max)
15min
Q Measuring Frequency
500MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
0.6mm ±0.03
W
0.3mm ±0.03
H
0.3mm ±0.03
e
0.15mm ±0.05
2015.04.16
1 / 1


Similar Part No. - HKQ0603C2N6C-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603C2N6B-T TAIYO-YUDEN-HKQ0603C2N6B-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C2N6S-T TAIYO-YUDEN-HKQ0603C2N6S-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
More results

Similar Description - HKQ0603C2N6C-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HKQ040215NJ-T TAIYO-YUDEN-HKQ040215NJ-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C0N8C-T TAIYO-YUDEN-HKQ0603C0N8C-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C1N1C-T TAIYO-YUDEN-HKQ0603C1N1C-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C2N1B-T TAIYO-YUDEN-HKQ0603C2N1B-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C2N7C-T TAIYO-YUDEN-HKQ0603C2N7C-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C3N6S-T TAIYO-YUDEN-HKQ0603C3N6S-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C3N0S-T TAIYO-YUDEN-HKQ0603C3N0S-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603C3N2C-T TAIYO-YUDEN-HKQ0603C3N2C-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603U1N9C-T TAIYO-YUDEN-HKQ0603U1N9C-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603U3N7S-T TAIYO-YUDEN-HKQ0603U3N7S-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
HKQ0603S3N2C-T TAIYO-YUDEN-HKQ0603S3N2C-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com